Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7241SG-TR Datasheet(PDF) 3 Page - Rohm

No. de pieza BU7241SG-TR
Descripción Electrónicos  CMOS Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7241SG-TR Datasheet(HTML) 3 Page - Rohm

  BU7241SG-TR Datasheet HTML 1Page - Rohm BU7241SG-TR Datasheet HTML 2Page - Rohm BU7241SG-TR Datasheet HTML 3Page - Rohm BU7241SG-TR Datasheet HTML 4Page - Rohm BU7241SG-TR Datasheet HTML 5Page - Rohm BU7241SG-TR Datasheet HTML 6Page - Rohm BU7241SG-TR Datasheet HTML 7Page - Rohm BU7241SG-TR Datasheet HTML 8Page - Rohm BU7241SG-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
3/44
03.Dec.2014 Rev.003
TSZ22111・15・001
BU7241G BU7241SG BU7242xxx BU7242Sxxx BU7244xx BU7244Sxx
Ordering Information
B
U
7
2
4
x
x
x
x
x
-
x x
Part Number
BU7241G
BU7241SG
BU7242xxx
BU7242Sxxx
BU7244xx
BU7244Sxx
Package
G
: SSOP5
F
: SOP8, SOP14
FV : SSOP-B14
FVM : MSOP8
NUX : VSON008X2030
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP14/SSOP-B14)
TR: Embossed tape and reel
(SSOP5/MSOP8/VSON008X2030)
Line-up
Operating
Temperature Range
Channels
Package
Orderable Part Number
-40°C to +85°C
1ch
SSOP5
Reel of 3000
BU7241G-TR
2ch
SOP8
Reel of 2500
BU7242F-E2
MSOP8
Reel of 3000
BU7242FVM-TR
VSON008X2030
Reel of 4000
BU7242NUX-TR
4ch
SOP14
Reel of 2500
BU7244F-E2
SSOP-B14
Reel of 2500
BU7244FV-E2
-40°C to +105°C
1ch
SSOP5
Reel of 3000
BU7241SG-TR
2ch
SOP8
Reel of 2500
BU7242SF-E2
MSOP8
Reel of 3000
BU7242SFVM-TR
VSON008X2030
Reel of 4000
BU7242SNUX-TR
4ch
SOP14
Reel of 2500
BU7244SF-E2
SSOP-B14
Reel of 2500
BU7244SFV-E2


Número de pieza similar - BU7241SG-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7241SG ROHM-BU7241SG Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7241SG ROHM-BU7241SG Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
More results

Descripción similar - BU7241SG-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com