Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS16HTWQ-13R Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza BAS16HTWQ-13R
Descripción Electrónicos  SURFACE MOUNT SWITCHING DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16HTWQ-13R Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS16HTWQ-13R Datasheet HTML 1Page - Diodes Incorporated BAS16HTWQ-13R Datasheet HTML 2Page - Diodes Incorporated BAS16HTWQ-13R Datasheet HTML 3Page - Diodes Incorporated BAS16HTWQ-13R Datasheet HTML 4Page - Diodes Incorporated BAS16HTWQ-13R Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS16HTWQ
Document number: DS38373 Rev. 2 - 2
3 of 5
www.diodes.com
February 2016
© Diodes Incorporated
BAS16HTWQ
0
100
0
25
50
75
125
100
150
T , AMBIENT TEMPERATURE ( C)
A
Fig. 1 Power Derating Curve, Total Package
300
200
Note 6
250
150
50
0.001
0.01
0.1
1
10
100
1000
10000
0
100 200 300 400 500 600 700 800 900 1000 1100 1200
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 2 Typical Forward Characteristics, Per Element
T = 150°C
A
T = 75°C
A
T = 25°C
A
T = 0°C
A
T = -40°C
A
0.1
1
10
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90 100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 3 Typical Reverse Characteristics, Per Element
T = 150°C
A
T = 125°C
A
T = 75°C
A
T = 0°C
A
T = -40°C
A
T = 25°C
A
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0
5
10
15
20
25
30
35
40
V , DC REVERSE VOLTAGE (V)
R
Fig. 4 Total Capacitance vs.
Reverse Voltage, Per Element
f = 1MHz


Número de pieza similar - BAS16HTWQ-13R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16HTW-13 DIODES-BAS16HTW-13 Datasheet
334Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16HTW-13R DIODES-BAS16HTW-13R Datasheet
334Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
More results

Descripción similar - BAS16HTWQ-13R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16VV DIODES-BAS16VV Datasheet
598Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
February 2023 Rev. 4 - 2
BAV99BRLP DIODES-BAV99BRLP_15 Datasheet
84Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56DW DIODES-BAW56DW_15 Datasheet
189Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
logo
SeCoS Halbleitertechnol...
BAV99BRW SECOS-BAV99BRW_15 Datasheet
794Kb / 2P
   Surface Mount Switching Diode Array
MMBD4148TW SECOS-MMBD4148TW_15 Datasheet
158Kb / 2P
   Surface Mount Switching Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com