Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX3V-TF Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

No. de pieza CX3V-TF
Descripción Electrónicos  Quartz Crystal Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IQD [IQD Frequency Products Ltd]
Página de inicio  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX3V-TF Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CX3V-TF Datasheet HTML 1Page - IQD Frequency Products Ltd CX3V-TF Datasheet HTML 2Page - IQD Frequency Products Ltd CX3V-TF Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CX3V TF
Quartz Crystal Specification
ISSUE 1; January 2016
Outline (mm) -SM1 = Gold Plated with glass
lid
Description
The CX3V TF quartz crystals are leadless devices designed
for surface mounting on printed circuit boards or hybrid
substrates. These miniature crystals are intended to be used in
Pierce oscillators. They are hermetically sealed in a rugged,
miniature ceramic package. They are manufactured using the
Statek developed photolithographic process and were
designed utilising the experience acquired by producing
millions of crystals for industrial, commercial, military and
medical applications.
-C SM1 Gold Plated with ceramic lid
-C SM4 Solder Plated with ceramic lid
-C SM5 Solder Dipped with ceramic lid
-SM1 Gold Plated with glass lid
-SM4 Solder Plated with glass lid
-SM5 Solder Dipped with glass lid
FEATURES:
Miniature tuning fork design
High shock resistance
Low ageing
Designed for low power applications
Ideal for battery operated applications
Compatible with hybrid or PC board packaging
Full military testing available
Please note that all data is only valid at 25°C unless otherwise
stated.
Frequency Parameters
Frequency
18.0kHz to 600.0kHz
±30.00ppm to ±5,000.00ppm
Frequency Tolerance
@ 25°C
Tolerance Condition
±5ppm max in the 1st year @
25°C
Ageing
Temperature Coefficient (k): -0.035ppm/°C²
Note: Frequency f at temperature T is related to frequency fo
at turning point temperature To by: (f-fo)/fo = k(T-To)²
Electrical Parameters
4.0pF to 10.0pF
Load Capacitance (CL)
1.8pF max
Shunt Capacitance (C0)
Drive Level: 18-24.9kHz 0.5μW max, 25-600kHz 1.0μW max
Operating Temperature Ranges
-10 to 70°C
-40 to 85°C
-55 to 125°C
Environmental Parameters
Shock: 1500G peak, 0.3ms, 1/2 sine
Vibration: 10G rms, 20-2000Hz random
Storage Temperature Range: -55 to 125°C
Manufacturing Details
Maximum Process Temperature: 260°C for 20sec max
Printed on 25 Apr 16 11:48 using Model Data Sheet V1.2550
Page 1 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Número de pieza similar - CX3V-TF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RSG Electronic Componen...
CX3VCSM1 RSG-CX3VCSM1 Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VCSM2 RSG-CX3VCSM2 Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VCSM3 RSG-CX3VCSM3 Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSCSM1 RSG-CX3VSCSM1 Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSCSM2 RSG-CX3VSCSM2 Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results

Descripción similar - CX3V-TF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IQD Frequency Products ...
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
   Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
   Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
   Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
   Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
4SMX IQD-4SMX Datasheet
250Kb / 2P
   Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
   Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com