Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUC832 Datasheet(PDF) 14 Page - Analog Devices

No. de pieza ADUC832
Descripción Electrónicos  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUC832 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADUC832 Datasheet HTML 10Page - Analog Devices ADUC832 Datasheet HTML 11Page - Analog Devices ADUC832 Datasheet HTML 12Page - Analog Devices ADUC832 Datasheet HTML 13Page - Analog Devices ADUC832 Datasheet HTML 14Page - Analog Devices ADUC832 Datasheet HTML 15Page - Analog Devices ADUC832 Datasheet HTML 16Page - Analog Devices ADUC832 Datasheet HTML 17Page - Analog Devices ADUC832 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
REV. 0
–14–
ADuC832
MEMORY ORGANIZATION
The ADuC832 contains four different memory blocks:
62 kBytes of On-Chip Flash/EE Program Memory
4 kBytes of On-Chip Flash/EE Data Memory
256 Bytes of General-Purpose RAM
2 kBytes of Internal XRAM
Flash/EE Program Memory
The ADuC832 provides 62 kBytes of Flash/EE program memory
to run user code. The user can choose to run code from this
internal memory or from an external program memory.
If the user applies power or resets the device while the
EA pin is
pulled low, the part will execute code from the external program
space; otherwise the part defaults to code execution from its
internal 62 kBytes of Flash/EE program memory. Unlike the
ADuC812, where code execution can overflow from the internal
code space to external code space once the PC becomes greater
than 1FFFH, the ADuC832 does not support the rollover from
F7FFH in internal code space to F800H in external code space.
Instead the 2048 bytes between F800H and FFFFH will appear
as NOP instructions to user code.
This internal code space can be downloaded via the UART
serial port while the device is in-circuit. 56 kBytes of the program
memory can be reprogrammed during runtime; thus the code
space can be upgraded in the field using a user defined protocol
or it can be used as a data memory. This will be discussed in
more detail in the Flash/EE Memory section.
Flash/EE Data Memory
4 kBytes of Flash/EE data memory are available to the user
and can be accessed indirectly via a group of control registers
mapped into the Special Function Register (SFR) area. Access
to the Flash/EE data memory is discussed in detail later as part
of the Flash/EE Memory section.
General-Purpose RAM
The general-purpose RAM is divided into two separate memories,
namely the upper and the lower 128 bytes of RAM. The lower
128 bytes of RAM can be accessed through direct or indirect
addressing. The upper 128 bytes of RAM can only be accessed
through indirect addressing as it shares the same address space
as the SFR space, which can only be accessed through direct
addressing.
The lower 128 bytes of internal data memory are mapped as
shown in Figure 2. The lowest 32 bytes are grouped into four
banks of eight registers addressed as R0 through R7. The next
16 bytes (128 bits), locations 20H through 2FH above the
register banks, form a block of directly addressable bit locations
at bit addresses 00H through 7FH. The stack can be located
anywhere in the internal memory address space, and the stack
depth can be expanded up to 2048 bytes.
Reset initializes the stack pointer to location 07H and increments
it once before loading the stack to start from locations 08H
which is also the first register (R0) of register bank 1. Thus, if one
is going to use more than one register bank, the stack pointer
should be initialized to an area of RAM not used for data storage.
BIT-ADDRESSABLE
(BIT ADDRESSES)
FOUR BANKS OF EIGHT
REGISTERS
R0 R7
BANKS
SELECTED
VIA
BITS IN PSW
11
10
01
00
07H
0FH
17H
1FH
2FH
7FH
00H
08H
10H
18H
20H
RESET VALUE OF
STACK POINTER
30H
GENERAL-PURPOSE
AREA
Figure 2. Lower 128 Bytes of Internal Data Memory
The ADuC832 contains 2048 bytes of internal XRAM, 1792 bytes
of which can be configured to be used as an extended 11-bit stack
pointer.
By default, the stack will operate exactly like an 8052 in that it
will roll over from FFH to 00H in the general-purpose RAM. On
the ADuC832, however, it is possible (by setting CFG832.7)
to enable the 11-bit extended stack pointer. In this case, the
stack will roll over from FFH in RAM to 0100H in XRAM.
The 11-bit stack pointer is visible in the SP and SPH SFRs.
The SP SFR is located at 81H as with a standard 8052. The
SPH SFR is located at B7H. The 3 LSBs of this SFR contain
the three extra bits necessary to extend the 8-bit stack pointer
into an 11-bit stack pointer.
UPPER 1792
BYTES OF
ON-CHIP XRAM
(DATA + STACK
FOR EXSP = 1,
DATA ONLY
FOR EXSP = 0)
256 BYTES OF
ON-CHIP DATA
RAM
(DATA +
STACK)
LOWER 256
BYTES OF
ON-CHIP XRAM
(DATA ONLY)
00H
FFH
00H
07FFH
CFG832.7 = 0
CFG832.7 = 1
100H
Figure 3. Extended Stack Pointer Operation


Número de pieza similar - ADUC832

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
More results

Descripción similar - ADUC832

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
   MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC842BSZ62-3 AD-ADUC842BSZ62-3 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC842BSZ62-5 AD-ADUC842BSZ62-5 Datasheet
838Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
903Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC842 AD-ADUC842_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC841 AD-ADUC841_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC843 AD-ADUC843_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com