Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF1211 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BF1211
Descripción Electrónicos  N-channel dual-gate MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1211 Datasheet(HTML) 5 Page - NXP Semiconductors

  BF1211 Datasheet HTML 1Page - NXP Semiconductors BF1211 Datasheet HTML 2Page - NXP Semiconductors BF1211 Datasheet HTML 3Page - NXP Semiconductors BF1211 Datasheet HTML 4Page - NXP Semiconductors BF1211 Datasheet HTML 5Page - NXP Semiconductors BF1211 Datasheet HTML 6Page - NXP Semiconductors BF1211 Datasheet HTML 7Page - NXP Semiconductors BF1211 Datasheet HTML 8Page - NXP Semiconductors BF1211 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2003 Dec 16
5
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1211; BF1211R; BF1211WR
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VG2-S =4V; VDS =5V; ID = 15 mA; unless otherwise specified.
Note
1. Measured in test circuit Fig.21.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
y
fs
forward transfer admittance
pulsed; Tj =25 °C
253040mS
Cig1-ss
input capacitance at gate 1
f = 1 MHz
2.1
2.6
pF
Cig2-ss
input capacitance at gate 2
f = 1 MHz
1.1
pF
Coss
output capacitance
f = 1 MHz
0.9
pF
Crss
reverse transfer capacitance f = 1 MHz
15
30
fF
F
noise figure
f = 11 MHz; GS = 20 mS; BS =0
3.5
dB
f = 400 MHz; YS =YS (opt)
0.9
1.6
dB
f = 800 MHz; YS =YS (opt)
1.3
2
dB
Gtr
power gain
f = 200 MHz; GS = 2 mS; BS =BS (opt);
GL = 0.5 mS; BL =BL (opt)
34
dB
f = 400 MHz; GS = 2 mS; BS =BS (opt);
GL = 1 mS; BL =BL (opt)
29
dB
f = 800 MHz; GS = 3.3 mS; BS =BS (opt);
GL = 1 mS; BL =BL (opt)
24
dB
Xmod
cross-modulation
input level for k = 1%; fw = 50 MHz;
funw = 60 MHz; note 1
at 0 dB AGC
90
−−
dB
µV
at 10 dB AGC
92
dB
µV
at 40 dB AGC
100
105
dB
µV


Número de pieza similar - BF1211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1211 NXP-BF1211 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1211R NXP-BF1211R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1211WR NXP-BF1211WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
More results

Descripción similar - BF1211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com