Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BF1211R Datasheet(Hoja de datos) 9 Page - NXP Semiconductors

No. de Pieza. BF1211R
Descripción  N-channel dual-gate MOS-FETs
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

 9 page
background image
2003 Dec 16
9
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1211; BF1211R; BF1211WR
handbook, halfpage
102
10
1
10−1
MDB841
10
102
103
yis
(mS)
f (MHz)
gis
bis
Fig.17 Input admittance as a function of frequency;
typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
handbook, halfpage
MDB842
10
102
103
103
102
10
1
|yrs|
(
µS)
f (MHz)
−103
−102
−10
−1
ϕrs
(deg)
|yrs|
ϕrs
Fig.18 Reverse transfer admittance and phase as
a function of frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
handbook, halfpage
102
10
1
MDB843
10
f (MHz)
102
103
|yfs|
(mS)
−102
−10
−1
ϕfs
(deg)
|yfs|
ϕfs
Fig.19 Forward transfer admittance and phase as
functions of frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
handbook, halfpage
MDB844
10
102
103
10
1
10−1
10−2
yos
(mS)
f (MHz)
bos
gos
Fig.20 Output admittance as a function of
frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BF1212N-channel dual-gate MOS-FETs 1 2 3 4 5 MoreNXP Semiconductors
BF998Silicon N-channel dual-gate MOS-FETs 1 2 3 4 5 MoreNXP Semiconductors
BF1101N-channel dual-gate MOS-FETs 1 2 3 4 5 MoreNXP Semiconductors
BF1105N-channel dual-gate MOS-FETs 1 2 3 4 5 MoreNXP Semiconductors
BF1109N-channel dual-gate MOS-FETs 1 2 3 4 5 MoreNXP Semiconductors
BF1201N-channel dual-gate PoLo MOS-FETs 1 2 3 4 5 MoreNXP Semiconductors
BF1202N-channel dual-gate PoLo MOS-FETs 1 2 3 4 5 MoreNXP Semiconductors
BF990AN-channel dual-gate MOS-FET 1 2 3 4 5 MoreNXP Semiconductors
BF1206Dual N-channel dual-gate MOS-FET 1 2 3 4 5 MoreNXP Semiconductors
3SK135ARF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL-GATE MOS FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD 1 2 3 4 5 MoreNEC

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl