Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5411BI-50-TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

No. de pieza CAT5411BI-50-TE13
Descripción Electrónicos  Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5411BI-50-TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5411BI-50-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT5411BI-50-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT5411BI-50-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT5411BI-50-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5411BI-50-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5411BI-50-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5411BI-50-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT5411BI-50-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT5411BI-50-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
DESCRIPTION
The CAT5411 is two Digitally Programmable
Potentiometers (DPPs™) integrated with control logic
and 16 bytes of NVRAM memory. Each DPP consists of
a series of 63 resistive elements connected between two
externally accessible end points. The tap points between
each resistive element are connected to the wiper outputs
with CMOS switches. A separate 6-bit control register
(WCR) independently controls the wiper tap switches for
each DPP. Associated with each wiper control register
are four 6-bit non-volatile memory data registers (DR)
used for storing up to four wiper settings. Writing to the
CAT5411
Dual Digitally Programmable Potentiometers (DPP™) with
64 Taps and SPI Interface
FEATURES
s Two linear-taper digitally programmable
potentiometers
s 64 resistor taps per potentiometer
s End to end resistance 2.5k
, 10k, 50kor 100k
s Potentiometer control and memory access via
SPI interface: Mode (0, 0) and (1, 1)
s Low wiper resistance, typically 80
s Nonvolatile memory storage for up to four wiper
settings for each potentiometer
s Automatic recall of saved wiper settings at
power up
s 2.5 to 6.0 volt operation
s Standby current less than 1
µA
s 1,000,000 nonvolatile WRITE cycles
s 100 year nonvolatile memory data retention
s 24-lead SOIC, 24-lead TSSOP, and BGA
s Industrial temperature ranges
PIN CONFIGURATION
FUNCTIONAL DIAGRAM
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Document No. 2114, Rev. G
wiper control register or any of the non-volatile data
registers is via a SPI serial bus. On power-up, the
contents of the first data register (DR0) for each of the
two potentiometers is automatically loaded into its
respective wiper control register.
The CAT5411 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications.
BGA
Top View - Bump Side Down
W1
W0
H0
H1
R
R
L0
L1
R
R
WIPER
CONTROL
REGISTERS
NONVOLATILE
DATA
REGISTERS
SPI BUS
INTERFACE
CONTROL
LOGIC
SCK
SI
WP
A0
A1
R
R
CS
SO
ALO
GEN FR
TM
LEAD FREE
1
2
3
4
A
B
C
D
E
F
RW0
CS
A1
RL1
RL0
WP
SI
RW1
VCC
RH0
RH1
VSS
NC
NC
NC
NC
NC
SO
HOLD
NC
NC
A0
SCK
NC
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
CAT
5411
VCC
RL0
RH0
RW0
CS
WP
SI
A1
RL1
RH1
RW1
GND
NC
NC
NC
NC
A0
SO
HOLD
SCK
NC
NC
NC
NC
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
CAT
5411
SI
A1
RL1
RH1
RW1
GND
NC
NC
NC
NC
SCK
HOLD
WP
CS
RW0
RH0
RL0
VCC
NC
NC
NC
NC
A0
SO
SOIC Package (J, W)TSSOP Package (U, Y)


Número de pieza similar - CAT5411BI-50-TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411WI-00 CATALYST-CAT5411WI-00 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5411WI-00 CATALYST-CAT5411WI-00 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
More results

Descripción similar - CAT5411BI-50-TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com