Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDS60UT07 Datasheet(PDF) 1 Page - XP Power Limited

No. de Pieza. SDS60UT07
Descripción  60 Watts SDS Series
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo 

SDS60UT07 Datasheet(HTML) 1 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
60 Watts
Single, Dual, Triple & Quad Outputs
Output Voltages from 3.3 V to 48 V
Nonstandard Outputs Available
Industry Standard 3” x 5” Package
Fits 1U Applications
Open Frame, U Channel & Covered Versions
3 Year Warranty
SDS Series
Input
Input Voltage
• 90-264 VAC (120-370 VDC)
Input Frequency
• 47-63 Hz
Input Current
• 1.6 A max at 115 VAC
1.0 A max at 230 VAC
Inrush Current
• <15 A at 115 VAC, cold start at 25 °C
<30 A at 230 VAC, cold start at 25 °C
Earth Leakage Current
• <0.30 mA at 115 VAC
<0.75 mA at 240 VAC
Power Factor
• EN61000-3-2, Class A
Input Protection
• T2 A/250 VAC internal fuse in line
Output
Output Voltage
• See table
Output Voltage Trim
• ±10% on V1 only (see note 4)
Initial Set Accuracy
• Single output models: ±1%
Multi-output models: ±5%
Minimum Load
• 10% required on V1 & V2 of multi-output
models to maintain regulation, unit will
start up with no load
Start Up Delay
• 2 s typical
Hold Up Time
• 12 ms min at 110 VAC, 100% load
Line Regulation
• 1% from low line to high line
Load Regulation
• 7% max all models 3% typical, see table
10% with no load on V1, for multi output
models
Transient Response
• 4% max deviation, recovery to within
1% in 4 ms for a 50% load change
Ripple & Noise
• 1% pk-pk typical, 20 MHz bandwidth
Overvoltage Protection
• 112-132% of nominal output voltage on
V1 only, recycle input to reset
Overload Protection
• 110-150% of nominal power,
with auto recovery
Short Circuit Protection
• Trip & restart (hiccup mode),
auto recovery
Temperature
• ±0.04%/°C
Coefficient
xppower.com
General
Efficiency
• 80% typical, 230 VAC full load
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VDC Output to Ground
Switching Frequency
• 60 kHz typical
Power Density
• 3.5 W/In3
Signals
• Green DC OK LED
MTBF
• 190 kHrs typical to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• 0 °C to +70 °C, derate linearly from 100%
load at +50 °C to 50% load at +70 °C
Cooling
• Convection-cooled
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
EMC & Safety
Emissions
• EN55022, level B conducted and radiated
Harmonic Currents
• EN61000-3-2, Class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 2 contact, level 3 air,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2, Perf Criteria A
Surge
• EN61000-4-5, installation Class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 2, Perf Criteria A
Magnetic Field
• EN61000-4-8, 1 A/m, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms,
60% 100 ms, 100% 5000 ms
Perf Criteria A, B, B
Safety Approvals
• EN60950-1, UL60950-1,
CSA60950-1 per cUL


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn