Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN7023M Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN7023M
Descripción Electrónicos  1W CMOS Mono Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7023M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7023M Datasheet HTML 1Page - Fairchild Semiconductor FAN7023M Datasheet HTML 2Page - Fairchild Semiconductor FAN7023M Datasheet HTML 3Page - Fairchild Semiconductor FAN7023M Datasheet HTML 4Page - Fairchild Semiconductor FAN7023M Datasheet HTML 5Page - Fairchild Semiconductor FAN7023M Datasheet HTML 6Page - Fairchild Semiconductor FAN7023M Datasheet HTML 7Page - Fairchild Semiconductor FAN7023M Datasheet HTML 8Page - Fairchild Semiconductor FAN7023M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.1.0
Features
• Continuous Average Power is 1.0W (8
Ω)
• Low THD: Typical 0.2% @ 1kHz (5V)
• Do Not Need Output Coupling Capacitor or Bootstrap
Capacitor
• Low Shutdown Current: Typical 0.01
µA
• Shutdown: High Active
• Built in TSD Circuit
Typical Applications
• Cellular Phone
•PDA
• Portable Audio Systems
Description
The FAN7023 is a bridge connected audio power amplifier
capable of delivering 1W of continuous average power to an
8
Ω load with less than 0.2%(THD) from a 5V power supply.
The FAN7023 requires few external components and
operates on low supply voltage from 2.2V to 5.5V. Since the
FAN7023 does not require output coupling capacitors,
bootstrap capacitors, or snubber networks, it is ideally suited
for low power portable systems that require minimum
volume and weight. The FAN7023 features an externally
controlled gain, low power consumption shutdown mode
(0.01uA,typ.). Additional FAN7023 features include thermal
shutdown protection, unity gain stability, and external gain
set.
8-MSOP
1
8-SOP
1
10-MLP
1
BOTTOM VIEW
Internal Block Diagram
20k
20k
BIAS
100k
100k
IN-
4
2
6
1
7
5
8
IN+
BP
VDD
SD
GND
VO1
VO2
3
VDD/2
FAN7023
1W CMOS Mono Power Amplifier


Número de pieza similar - FAN7023M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN7021 FAIRCHILD-FAN7021 Datasheet
85Kb / 10P
   CMOS Power Amplifier
FAN7021M FAIRCHILD-FAN7021M Datasheet
85Kb / 10P
   CMOS Power Amplifier
FAN7024 FAIRCHILD-FAN7024 Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
FAN7024MPX FAIRCHILD-FAN7024MPX Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
FAN7024MU FAIRCHILD-FAN7024MU Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
More results

Descripción similar - FAN7023M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Naxinwei Techn...
NS4890 NSIWAY-NS4890 Datasheet
193Kb / 2P
   1W mono audio power amplifier
logo
NTE Electronics
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
   Integrated Circuit 1W BTL Mono Audio Amplifier
logo
Fairchild Semiconductor
FAN7024 FAIRCHILD-FAN7024 Datasheet
372Kb / 16P
   675mW CMOS Mono Power Amplifier with Shutdown
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Aplus Intergrated Circu...
AP4890B APLUS-AP4890B Datasheet
325Kb / 15P
   1W AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7116 PANASONIC-AN7116 Datasheet
87Kb / 3P
   1W AUDIO POWER AMPLIFIER CIRCUIT
logo
Princeton Technology Co...
PT2307 PTC-PT2307 Datasheet
208Kb / 4P
   1W Audio Power Integration Amplifier
logo
Shenzhen Huazhimei Semi...
HM4990 HMSEMI-HM4990 Datasheet
841Kb / 12P
   1.25W Mono Audio Power Amplifier
logo
Silan Microelectronics ...
SA7411 SILAN-SA7411 Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
   140W MONO BASH POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com