Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCV61B Datasheet(PDF) 6 Page - Infineon Technologies AG

No. de pieza BCV61B
Descripción Electrónicos  NPN Silicon Double Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCV61B Datasheet(HTML) 6 Page - Infineon Technologies AG

  BCV61B Datasheet HTML 1Page - Infineon Technologies AG BCV61B Datasheet HTML 2Page - Infineon Technologies AG BCV61B Datasheet HTML 3Page - Infineon Technologies AG BCV61B Datasheet HTML 4Page - Infineon Technologies AG BCV61B Datasheet HTML 5Page - Infineon Technologies AG BCV61B Datasheet HTML 6Page - Infineon Technologies AG BCV61B Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2011-10-13
6
BCV61
Package SOT143
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
RF s
2005, June
Date code (YM)
BFP181
Type code
Pin 1
0.8
0.8
1.2
1.2
0.8
0.8
0.8 -0.05
+0.1
1.9
1.7
±0.1
2.9
+0.1
-0.05
0.4
0.1 MAX.
12
3
4
0.25 M B
±0.1
1
0.2
A
M
0.2
A
0...8˚
0.08...0.1
5
4
3.15
Pin 1
0.2
1.15
B
Manufacturer


Número de pieza similar - BCV61B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BCV61B PHILIPS-BCV61B Datasheet
50Kb / 8P
   NPN general purpose double transistor
1999 Apr 08
logo
Siemens Semiconductor G...
BCV61B SIEMENS-BCV61B Datasheet
95Kb / 5P
   NPN Silicon Double Transistors (To be used as a current mirror Good thermal coupling and VBE matching)
logo
Infineon Technologies A...
BCV61B INFINEON-BCV61B Datasheet
49Kb / 5P
   NPN Silicon Double Transistor
Jul-10-2001
logo
NXP Semiconductors
BCV61B PHILIPS-BCV61B Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Infineon Technologies A...
BCV61B INFINEON-BCV61B Datasheet
181Kb / 7P
   NPN Silicon Double Transistor
2007-08-09
More results

Descripción similar - BCV61B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCV61 INFINEON-BCV61_07 Datasheet
181Kb / 7P
   NPN Silicon Double Transistor
2007-08-09
BCV61 INFINEON-BCV61 Datasheet
49Kb / 5P
   NPN Silicon Double Transistor
Jul-10-2001
logo
DONGGUAN YOU FENG WEI E...
MMBT3904DW YFWDIODE-MMBT3904DW Datasheet
549Kb / 5P
   NPN Silicon General Purpose Double Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT7073DE SEMTECH_ELEC-MMBT7073DE Datasheet
476Kb / 5P
   NPN/PNP Silicon General Purpose Double Transistor
logo
Nexperia B.V. All right...
BCM846BS NEXPERIA-BCM846BS Datasheet
687Kb / 12P
   NPN/NPN matched double transistor
BCM847DS NEXPERIA-BCM847DS Datasheet
241Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
BCM61B NEXPERIA-BCM61B Datasheet
2Mb / 13P
   NPN/NPN matched double transistor
Rev. 02 - 28 August 2009
logo
NXP Semiconductors
BCM846BS PHILIPS-BCM846BS_15 Datasheet
264Kb / 12P
   NPN/NPN matched double transistor
26 June 2015
BCM61B PHILIPS-BCM61B_15 Datasheet
144Kb / 13P
   NPN/NPN matched double transistor
Rev. 02-28 August 2009
logo
Nexperia B.V. All right...
BCM847BV NEXPERIA-BCM847BV Datasheet
226Kb / 9P
   NPN/NPN matched double transistor
27 December 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com