Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10E167 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC10E167
Descripción Electrónicos  5V ECL 6?륛it 2:1 MUX?륱egiste
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E167 Datasheet(HTML) 6 Page - ON Semiconductor

  MC10E167_16 Datasheet HTML 1Page - ON Semiconductor MC10E167_16 Datasheet HTML 2Page - ON Semiconductor MC10E167_16 Datasheet HTML 3Page - ON Semiconductor MC10E167_16 Datasheet HTML 4Page - ON Semiconductor MC10E167_16 Datasheet HTML 5Page - ON Semiconductor MC10E167_16 Datasheet HTML 6Page - ON Semiconductor MC10E167_16 Datasheet HTML 7Page - ON Semiconductor MC10E167_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC10E167
www.onsemi.com
6
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Número de pieza similar - MC10E167_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E167FN ONSEMI-MC10E167FN Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167FNG ONSEMI-MC10E167FNG Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167FNR2 ONSEMI-MC10E167FNR2 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167FNR2G ONSEMI-MC10E167FNR2G Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E167 ONSEMI-MC10E167_06 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
More results

Descripción similar - MC10E167_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E155 ONSEMI-MC10E155_06 Datasheet
126Kb / 8P
   5V ECL 6?묪it 2:1 Mux?묹atch
November, 2006 ??Rev. 8
MC10E167 ONSEMI-MC10E167_06 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E156 ONSEMI-MC10E156_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E151 ONSEMI-MC10E151_16 Datasheet
155Kb / 7P
   5V ECL 6?륛it D Register
July, 2016 ??Rev. 10
logo
Micrel Semiconductor
SY100EP15V MICREL-SY100EP15V Datasheet
104Kb / 8P
   3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com