Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10E451 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10E451
Descripción Electrónicos  5 V ECL 6-Bit D Register Differential Data and Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E451 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E451 Datasheet HTML 1Page - ON Semiconductor MC10E451 Datasheet HTML 2Page - ON Semiconductor MC10E451 Datasheet HTML 3Page - ON Semiconductor MC10E451 Datasheet HTML 4Page - ON Semiconductor MC10E451 Datasheet HTML 5Page - ON Semiconductor MC10E451 Datasheet HTML 6Page - ON Semiconductor MC10E451 Datasheet HTML 7Page - ON Semiconductor MC10E451 Datasheet HTML 8Page - ON Semiconductor MC10E451 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC10E451, MC100E451
www.onsemi.com
2
D1
D1
D2
D2 VCCO
D3
D3
D4
D4
D5
D5
VCCO
Q0
CLK
VBB
CLK
VEE
MR
NC
D0
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
567
89
10
Q5
Q4
VCC
Q3
VCCO
Q2
Q1
D0
1
MC10E451/MC100E451
* All VCC and VCCO pins are tied together on the die.
Figure 1. 28-Lean Pinout Assignment (Top View)
Warning: All VCC, VCCO, and VEE pins must be externally con-
nected to Power Supply to guarantee proper operation.
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D0 − D5, D0 − D5
ECL Differential Data Input
CLK, CLK
ECL Differential Clock Input
MR
ECL Master Reset Input
Q0 − Q5
ECL Data Outputs
VBB
Reference Voltage Output
VCC, VCCO
Positive Supply
VEE
Negative Supply
NC
No Connect
Figure 2. Logic Diagram
D0
D0
D1
D1
D2
D2
D3
D3
D4
D4
D5
D5
CLK
CLK
MR
VBB
Q0
Q1
Q2
Q3
Q4
Q5
D
R
D
R
D
R
D
R
D
R
D
R


Número de pieza similar - MC10E451

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451 ONSEMI-MC10E451 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10E451FN ONSEMI-MC10E451FN Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451FN ONSEMI-MC10E451FN Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10E451FNG ONSEMI-MC10E451FNG Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
More results

Descripción similar - MC10E451

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_16 Datasheet
170Kb / 8P
   5 V ECL Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_16 Datasheet
155Kb / 7P
   5V ECL 6?륛it D Register
July, 2016 ??Rev. 10
MC10E452 ONSEMI-MC10E452_16 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com