Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65266-1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65266-1
Descripción Electrónicos  2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65266-1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65266-1 Datasheet HTML 4Page - Texas Instruments TPS65266-1 Datasheet HTML 5Page - Texas Instruments TPS65266-1 Datasheet HTML 6Page - Texas Instruments TPS65266-1 Datasheet HTML 7Page - Texas Instruments TPS65266-1 Datasheet HTML 8Page - Texas Instruments TPS65266-1 Datasheet HTML 9Page - Texas Instruments TPS65266-1 Datasheet HTML 10Page - Texas Instruments TPS65266-1 Datasheet HTML 11Page - Texas Instruments TPS65266-1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Output Load (A)
0
0.5
1
1.5
2
1.4
1.45
1.5
1.55
1.6
D005
Output Load (A)
0
0.5
1
1.5
2
1.7
1.75
1.8
1.85
1.9
D006
Output Load (A)
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
2
D004
VOUT = 1 V
VOUT = 1.5 V
VOUT = 2.5 V
Output Load (A)
0
0.5
1
1.5
2
2.5
3
0.9
0.95
1
1.05
1.1
D004
Output Load (A)
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
3
D002
VOUT = 1 V
VOUT = 1.5 V
VOUT = 2.5 V
Output Load (A)
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
2
D003
VOUT = 1 V
VOUT = 1.5 V
VOUT = 2.5 V
8
TPS65266-1
SLVSDA6 – OCTOBER 2016
www.ti.com
Product Folder Links: TPS65266-1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
TA = 25°C, VIN = 5 V, VOUT1 = 1.0 V, VOUT2 = 1.5 V, VOUT3 = 1.8 V FSW = 1 MHz (unless otherwise noted)
Figure 1. Buck1 Efficiency
Figure 2. Buck2 Efficiency
Figure 3. Buck3 Efficiency
Figure 4. Buck1, Load Regulation
Figure 5. Buck2, Load Regulation
Figure 6. Buck3, Load Regulation


Número de pieza similar - TPS65266-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RTQR TI1-TPS65266-1RTQR Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RTQT TI1-TPS65266-1RTQT Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
More results

Descripción similar - TPS65266-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
[Old version datasheet]   TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS628501 TI-TPS628501_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package
JUNE 2022
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com