Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADNB040-24-1PM-C Datasheet(PDF) 7 Page - Artesyn Technologies

No. de pieza ADNB040-24-1PM-C
Descripción Electrónicos  The ADNB 96W series features a universal 88-264Vac input
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARTESYN [Artesyn Technologies]
Página de inicio  
Logo ARTESYN - Artesyn Technologies

ADNB040-24-1PM-C Datasheet(HTML) 7 Page - Artesyn Technologies

Back Button ADNB040-24-1PM-C Datasheet HTML 3Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 4Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 5Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 6Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 7Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 8Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 9Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 10Page - Artesyn Technologies ADNB040-24-1PM-C Datasheet HTML 11Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Technical Reference Note
Technical Reference Note
Artesyn Embedded Technologies
Rev.04.19.16_#1.1
ADNB 96W Series
Page 7
ADNB064-15-1PM-C Performance Curves
Figure 10: ADNB064-15-1PM-C Hold Up Time –Vin=88Vac
Load: Io = 6.5A
Ta = 25 OC
Ch 1: Vo
Ch 2: AC Mains
Figure 7: ADNB064-15-1PM-C Ripple and Noise Measurement – Vin = 88Vac
Load: Io = 6.5A
Ta = 25 OC
Ch 1: Vo
Figure 8: ADNB064-15-1PM-C Output Voltage Protection – Vin=88Vac
Load: Io = 0.65A
Ta = 25 OC
Ch 1: Vo
Figure 9: ADNB064-15-1PM-C Turn-on delay – Vin= 88Vac
Load: Io = 6.5A
Ta = 25 OC
Ch 1: Vo
Ch2:AC Mains
Figure 11: ADNB064-15-1PM-C Transient Response
Vin = 230Vac
Load: Io = 10% ~ 90%
Duty: 1kHz
Ch 1: Vo
Ch 2: Iout
Figure 12: ADNB064-15-1PM-C Inrush Current
Vin = 264Vac
Load: Io = 6.5A
Ta = 25 OC
Ch 1: Iin
Ch 2: AC Mains


Número de pieza similar - ADNB040-24-1PM-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
ADNB040-15-1PM-C ARTESYN-ADNB040-15-1PM-C Datasheet
2Mb / 21P
   The ADNB 60W series features a universal 88-264Vac input
More results

Descripción similar - ADNB040-24-1PM-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
ADNB050-12-1PM-C ARTESYN-ADNB050-12-1PM-C Datasheet
2Mb / 21P
   The ADNB 60W series features a universal 88-264Vac input
ADNB034-12-1PM-C ARTESYN-ADNB034-12-1PM-C Datasheet
3Mb / 21P
   The ADNB 40W series features a universal 88-264Vac input
logo
Recom International Pow...
RAC150-G RECOM-RAC150-G Datasheet
932Kb / 8P
   Universal Input 90-264VAC
RAC04-C230 RECOM-RAC04-C230 Datasheet
90Kb / 3P
   Universal Input 80-264VAC
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
   Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
   Universal Input 90-264VAC
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
   85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
   85 to 264VAC universal input
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
   Universal AC Input 90-264Vac
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
   Universal Input of 85~264VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com