Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10ELT28DG Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC10ELT28DG
Descripción Electrónicos  TTL to Differential PECL and Differential PECL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT28DG Datasheet(HTML) 1 Page - ON Semiconductor

  MC10ELT28DG Datasheet HTML 1Page - ON Semiconductor MC10ELT28DG Datasheet HTML 2Page - ON Semiconductor MC10ELT28DG Datasheet HTML 3Page - ON Semiconductor MC10ELT28DG Datasheet HTML 4Page - ON Semiconductor MC10ELT28DG Datasheet HTML 5Page - ON Semiconductor MC10ELT28DG Datasheet HTML 6Page - ON Semiconductor MC10ELT28DG Datasheet HTML 7Page - ON Semiconductor MC10ELT28DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 11
1
Publication Order Number:
MC10ELT28/D
MC10ELT28, MC100ELT28
5 V TTL to Differential
PECL and Differential PECL
to TTL Translator
Description
The MC10ELT/100ELT28 is a differential PECL to TTL translator
and a TTL to differential PECL translator in a single package. Because
PECL (Positive ECL) levels are used, only +5 V and ground are
required. The small outline 8-lead package and the dual translation
design of the ELT28 makes it ideal for applications which are sending
and receiving signals across a backplane.
The 100 Series contains temperature compensation.
Features
3.5 ns Typical PECL to TTL Propagation Delay
1.2 ns Typical TTL to PECL Propagation Delay
PNP TTL Inputs for Minimal Loading
24 mA TTL Outputs
Flow Through Pinouts
Operating Range VCC= 4.75 V to 5.25 V with GND= 0 V
QTTL Output Will Default High with Inputs Left Open or < 1.3 V
QECL Output Will Default High with Inputs Left Open
Internal PECL Input Pulldown Resistors
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
H
= MC10
K
= MC100
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
ALYW
G
G
HT28
ALYW
G
G
KT28
1
8
1
8
1
8
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1
8
HLT28
ALYW
G
1
8
KLT28
ALYW
G
1
8
(Note: Microdot may be in either location)


Número de pieza similar - MC10ELT28DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10ELT28DG ONSEMI-MC10ELT28DG Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
More results

Descripción similar - MC10ELT28DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com