Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EP142MNR4G Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza MC100EP142MNR4G
Descripción Electrónicos  ECL 9-Bit Shift Register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP142MNR4G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC100EP142MNR4G Datasheet HTML 4Page - ON Semiconductor MC100EP142MNR4G Datasheet HTML 5Page - ON Semiconductor MC100EP142MNR4G Datasheet HTML 6Page - ON Semiconductor MC100EP142MNR4G Datasheet HTML 7Page - ON Semiconductor MC100EP142MNR4G Datasheet HTML 8Page - ON Semiconductor MC100EP142MNR4G Datasheet HTML 9Page - ON Semiconductor MC100EP142MNR4G Datasheet HTML 10Page - ON Semiconductor MC100EP142MNR4G Datasheet HTML 11Page - ON Semiconductor MC100EP142MNR4G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC10EP142, MC100EP142
www.onsemi.com
8
Table 7. 10EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −5.5 V to −3.0 V (Note 11)
85
°C
25
°C
−40
°C
Symbol
Unit
Max
Typ
Min
Max
Typ
Min
Max
Typ
Min
Characteristic
VIH
Input HIGH Voltage (Single−Ended)
−1210
−885
−1145
−820
−1085
−760
mV
VIL
Input LOW Voltage (Single−Ended)
−1935
−1610
−1870
−1545
−1810
−1485
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 14)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current (@ VIH)
150
150
150
mA
IIL
Input LOW Current (@ VIL)
CLK0, CLK1, D, S−IN
CLK0, CLK1, S−IN
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
11. Input and output parameters vary 1:1 with VCC.
12. Required 500 lfpm air flow when using −5 V power supply. For (VCC − VEE) >3.3 V, 5 W to 10 W in line with VEE required for maximum thermal
protection at elevated temperatures. Recommend VCC−VEE operation at  3.3 V.
13. All loading with 50
W to VCC − 2.0 V.
14. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 8. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 15)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
105
125
145
105
130
150
105
130
150
mA
VOH
Output HIGH Voltage (Note 16)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 16)
1305
1480
1605
1305
1480
1605
1305
1480
1605
mV
VIH
Input HIGH Voltage (Single−Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1305
1675
1305
1675
1305
1675
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 17)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current (@ VIH)
150
150
150
mA
IIL
Input LOW Current (@ VIL)
CLK0, CLK1, D, S−IN
CLK0, CLK1, S−IN
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
15. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
16. All loading with 50
W to VCC − 2.0 V.
17. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 9. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 18)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
(Note 19)
105
125
145
105
130
150
105
130
150
mA
VOH
Output HIGH Voltage (Note 20)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 20)
3005
3180
3305
3005
3180
3305
3005
3180
3305
mV
VIH
Input HIGH Voltage (Single−Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3005
3375
3005
3375
3005
3375
mV


Número de pieza similar - MC100EP142MNR4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP142MNR4G ONSEMI-MC100EP142MNR4G Datasheet
176Kb / 13P
   3.3 V / 5 V ECL 9-Bit Shift Register
November, 2006 ??Rev. 16
More results

Descripción similar - MC100EP142MNR4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
   ECL/PECL 9-bit Shift Register
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC100EP142 ONSEMI-MC100EP142 Datasheet
219Kb / 11P
   3.3 V/5 V ECL 9-Bit Shift Register
April, 2021 ??Rev. 19
MC10EP142 ONSEMI-MC10EP142 Datasheet
176Kb / 13P
   3.3 V / 5 V ECL 9-Bit Shift Register
November, 2006 ??Rev. 16
MC10E142 ONSEMI-MC10E142 Datasheet
109Kb / 4P
   9-BIT SHIFT REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142 Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141_06 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
MC10E143 ONSEMI-MC10E143_06 Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com