Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EP446FAG Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC100EP446FAG
Descripción Electrónicos  8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP446FAG Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EP446FAG Datasheet HTML 1Page - ON Semiconductor MC100EP446FAG Datasheet HTML 2Page - ON Semiconductor MC100EP446FAG Datasheet HTML 3Page - ON Semiconductor MC100EP446FAG Datasheet HTML 4Page - ON Semiconductor MC100EP446FAG Datasheet HTML 5Page - ON Semiconductor MC100EP446FAG Datasheet HTML 6Page - ON Semiconductor MC100EP446FAG Datasheet HTML 7Page - ON Semiconductor MC100EP446FAG Datasheet HTML 8Page - ON Semiconductor MC100EP446FAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MC10EP446, MC100EP446
http://onsemi.com
3
Table 2. TRUTH TABLE
Pin
Function
HIGH
LOW
CKSEL
SOUT: PCLK = 8:1
CLK: SOUT = 1:1
SOUT
CLK
SOUT: PCLK = 8:1
CLK: SOUT = 1:2
SOUT
CLK
CKEN
Synchronously Disables Normal Parallel to Serial
Conversion
Synchronously Enables Normal Parallel to Serial Conversion
SYNC
Asynchronously Resets Internal Flip−Flops*
Synchronous Enable
*The rising edge of SYNC will asynchronously reset the internal circuitry. The falling edge of the SYNC followed by the falling edge of CLK initiates
the conversion process synchronously on the next rising edge of CLK.
Table 3. INPUT VOLTAGE LEVEL SELECTION TABLE
Input Function
Connect To VCF Pin
ECL Mode
VEF Pin
CMOS Mode
No Connect
TTL Mode*
1.5 V
$ 100 mV
*For TTL Mode, if no external voltage can be provided, the reference
voltage can be provided by connecting the appropriate resistor
between VCF and VEE pins.
Table 4. DATA INPUT OPERATING VOLTAGE TABLE
Power Supply
(VCC,VEE)
Data Inputs (D [0:7])
CMOS
TTL
PECL
NECL
PECL
p
p
p
N/A
NECL
N/A
N/A
N/A
p
Power Supply
Resistor Value 10% (Tolerance)
3.3 V
1.5 k
W
5.0 V
500
W


Número de pieza similar - MC100EP446FAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP446FAG ONSEMI-MC100EP446FAG Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
More results

Descripción similar - MC100EP446FAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com