Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMKYP16-SP492 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

No. de pieza KMKYP16-SP492
Descripción Electrónicos  Small Circular Connector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JAE [Japan Aviation Electronics Industry, Ltd.]
Página de inicio  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KMKYP16-SP492 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  KMKYP16-SP492 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KMKYP16-SP492 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KMKYP16-SP492 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KMKYP16-SP492 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KMKYP16-SP492 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KMKYP16-SP492 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. KMKYP16-SP492 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. KMKYP16-SP492 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. KMKYP16-SP492 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MB-0178-5
2/17
JAE PMK Div. Proprietary. Copyright © 2012, Japan Aviation Electronics Industry, Ltd.
General Specifications
JAHL-5119-4
Instruction Manual
500 mating cycles
Durability
Specifications and Performance
Item
JACS-5111
Product Specification
Crimp connection (AWG #20 to 28)
Specification of Wire Connection
IP67
Waterproof
1000 M ohm min. (DC500V energized )
Insulation Resistance
900 VAC (per minute)
Dielectric Withstanding Voltage
200 VAC
Rated Voltage
3A/ pos. (#22 size contact)
Rated Current
15 pos.
(cable connecting type, wall mount cable connecting type)
Features
• 15-contact crimp type, available in cable connecting receptacle and flanged
cable connecting receptacle versions.
• Easy and sure mating with push-in / twist-off type one-touch lock mechanism
• Waterproof and dustproof conforming to IP67 class.
• Superb environment resistant performance, such as vibration and oil resistance.
• Applicable to conduit mounting (attach O-ring to the connector to be waterproof).
JN2W
JN1W
JN1W
• Compatible with JN1W (15-contact), the robustness is significantly improved by using
metal for the outer shell (breaking strength is tripled).
• Uses the same crimp contacts as that of the JN1.
• 15-contact: Receptacle is crimp connection
Plug is crimp or solder connection
(socket contact for plug can be selected as crimp or soldering)
5-contact: All solder connection
Note that 5-contact receptacle has a body grounding structure.
• 5-contact is a TUV certified product (application in process).
• Plug is available in straight and angle types. For angled type, the direction of
the cable leader of the plug can be set in one of four directions in 90 degrees increments.
• For angled plug, 50.5 mm (5-contact) and 42.5 mm (15-contact) mating height
from the panel surface.
• Waterproof and dustproof that conforms to IP67 class.
• Superb environment resistant performance, such as vibration and oil resistance.
• Applicable to conduit mounting (Attach O-ring to the connector to be waterproof).
• Mis-mating prevention key can be re-set in one of four positions (5-contact).
Please refer to the drawings for each product for further information.


Descripción similar - KMKYP16-SP492

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Japan Aviation Electron...
JN1 JAE-JN1 Datasheet
388Kb / 22P
   Small Circular Connector
logo
Hirose Electric
LF13WBLP-20PA HIROSE-LF13WBLP-20PA Datasheet
173Kb / 1P
   Standard Circular Connector
logo
DDK Ltd.
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
logo
Amphenol Corporation
TV07WCI1735PF404 AMPHENOL-TV07WCI1735PF404 Datasheet
1Mb / 44P
   Standard Circular Connector
logo
DDK Ltd.
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com