Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM136-5.0 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza LM136-5.0
Descripción Electrónicos  5.0V Reference Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM136-5.0 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM136-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Typical Performance Characteristics (Continued)
Forward Characteristics
00571623
Application Hints
The LM136-5.0 series voltage references are much easier to
use than ordinary zener diodes. Their low impedance and
wide operating current range simplify biasing in almost any
circuit. Further, either the breakdown voltage or the tempera-
ture coefficient can be adjusted to optimize circuit perfor-
mance.
Figure 1 shows an LM136-5.0 with a 10k potentiometer for
adjusting the reverse breakdown voltage. With the addition
of R1 the breakdown voltage can be adjusted without affect-
ing the temperature coefficient of the device. The adjustment
range is usually sufficient to adjust for both the initial device
tolerance and inaccuracies in buffer circuitry.
If minimum temperature coefficient is desired, four diodes
can be added in series with the adjustment potentiometer as
shown in Figure 2. When the device is adjusted to 5.00V the
temperature coefficient is minimized. Almost any silicon sig-
nal diode can be used for this purpose such as a 1N914,
1N4148 or a 1N457. For proper temperature compensation
the diodes should be in the same thermal environment as
the LM136-5.0. It is usually sufficient to mount the diodes
near the LM136-5.0 on the printed circuit board. The abso-
lute resistance of the network is not critical and any value
from 2k to 20k will work. Because of the wide adjustment
range, fixed resistors should be connected in series with the
pot to make pot setting less critical.
00571609
FIGURE 1. LM136-5.0 with Pot for Adjustment of
Breakdown Voltage (Trim Range = ±1.0V Typical)
00571610
FIGURE 2. Temperature Coefficient Adjustment
(Trim Range = ±0.5V Typical)
www.national.com
5


Número de pieza similar - LM136-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM136-5.0 TI1-LM136-5.0 Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
LM136-5.0-MW8 TI1-LM136-5.0-MW8 Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0-MW8 TI1-LM136-5.0-MW8 Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
More results

Descripción similar - LM136-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM136-5.0QML TI1-LM136-5.0QML_16 Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
logo
National Semiconductor ...
LM136-50 NSC-LM136-50 Datasheet
216Kb / 11P
   5.0V Reference Diode
logo
Texas Instruments
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
logo
Intersil Corporation
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
logo
Zetex Semiconductors
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
   5.0V LOW POWER PRECISION REFERENCE SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com