Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1299-4PAG Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1299-4PAG
Descripción Electrónicos  ADS1299-x Low-Noise, 4-, 6-, 8-Channel, 24-Bit, Analog-to-Digital Converter for EEG and Biopotential Measurements
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1299-4PAG Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1299-4PAG Datasheet HTML 4Page - Texas Instruments ADS1299-4PAG Datasheet HTML 5Page - Texas Instruments ADS1299-4PAG Datasheet HTML 6Page - Texas Instruments ADS1299-4PAG Datasheet HTML 7Page - Texas Instruments ADS1299-4PAG Datasheet HTML 8Page - Texas Instruments ADS1299-4PAG Datasheet HTML 9Page - Texas Instruments ADS1299-4PAG Datasheet HTML 10Page - Texas Instruments ADS1299-4PAG Datasheet HTML 11Page - Texas Instruments ADS1299-4PAG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
8
ADS1299, ADS1299-4, ADS1299-6
SBAS499B – JULY 2012 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: ADS1299 ADS1299-4 ADS1299-6
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Noise data measured in a 10-second interval. Test not performed in production. Input-referred noise is calculated with the input shorted
(without electrode resistance) over a 10-second interval.
(2)
CMRR is measured with a common-mode signal of AVSS + 0.3 V to AVDD – 0.3 V. The values indicated are the minimum of the eight
channels.
7.5 Electrical Characteristics
Minimum and maximum specifications apply from –40°C to 85°C. Typical specifications are at +25°C. All specifications are at
DVDD = 3.3 V, AVDD – AVSS = 5 V, VREF = 4.5 V, external fCLK = 2.048 MHz, data rate = 250 SPS, and gain = 12, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Input capacitance
20
pF
Input bias current
TA = +25°C, input = 2.5 V
±300
pA
TA = –40°C to +85°C, input = 2.5 V
±300
DC input impedance
No lead-off
1000
M
Current source lead-off detection
(ILEADOFF = 6 nA)
500
PGA PERFORMANCE
Gain settings
1, 2, 4, 6, 8, 12, 24
BW
Bandwidth
See Table 5
ADC PERFORMANCE
Resolution
24
Bits
DR
Data rate
fCLK = 2.048 MHz
250
16000
SPS
DC CHANNEL PERFORMANCE
Input-referred noise (0.01 Hz to 70 Hz)
10 seconds of data, gain = 24(1)
1
μVPP
250 points, 1 second of data, gain = 24,
TA = +25°C
1
1.35
250 points, 1 second of data, gain = 24,
TA = –40°C to +85°C
1
1.6
All other sample rates and gain settings
See Noise Measurements
INL
Integral nonlinearity
Full-scale with gain = 12, best fit
8
ppm
Offset error
60
μV
Offset error drift
80
nV/°C
Gain error
Excluding voltage reference error
0.1
±0.5
% of FS
Gain drift
Excluding voltage reference drift
3
ppm/°C
Gain match between channels
0.2
% of FS
AC CHANNEL PERFORMANCE
CMRR
Common-mode rejection ratio
fCM = 50 Hz and 60 Hz
(2)
–110
–120
dB
PSRR
Power-supply rejection ratio
fPS = 50 Hz and 60 Hz
96
dB
Crosstalk
fIN = 50 Hz and 60 Hz
–110
dB
SNR
Signal-to-noise ratio
VIN = –2 dBFs, fIN = 10-Hz input, gain = 12
121
dB
THD
Total harmonic distortion
VIN = –0.5 dBFs, fIN = 10 Hz
–99
dB
PATIENT BIAS AMPLIFIER
Integrated noise
BW = 150 Hz
2
μVRMS
Gain bandwidth product
50-k
Ω || 10-pF load, gain = 1
100
kHz
Slew rate
50-k
Ω || 10-pF load, gain = 1
0.07
V/μs
THD
Total harmonic distortion
fIN = 10 Hz, gain = 1
–80
dB
Common-mode input range
AVSS + 0.3
AVDD – 0.3
V
Short-circuit current
1.1
mA
Quiescent power consumption
20
μA


Número de pieza similar - ADS1299-4PAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1299 TI1-ADS1299 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299 Datasheet
1Mb / 65P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299CPAG TI1-ADS1299CPAG Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
ADS1299IPAG TI1-ADS1299IPAG Datasheet
1Mb / 65P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Descripción similar - ADS1299-4PAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1299_1211 TI1-ADS1299_1211 Datasheet
1Mb / 65P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299_14 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com