Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1299-4PAGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1299-4PAGR
Descripción Electrónicos  ADS1299-x Low-Noise, 4-, 6-, 8-Channel, 24-Bit, Analog-to-Digital Converter for EEG and Biopotential Measurements
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1299-4PAGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1299-4PAGR Datasheet HTML 3Page - Texas Instruments ADS1299-4PAGR Datasheet HTML 4Page - Texas Instruments ADS1299-4PAGR Datasheet HTML 5Page - Texas Instruments ADS1299-4PAGR Datasheet HTML 6Page - Texas Instruments ADS1299-4PAGR Datasheet HTML 7Page - Texas Instruments ADS1299-4PAGR Datasheet HTML 8Page - Texas Instruments ADS1299-4PAGR Datasheet HTML 9Page - Texas Instruments ADS1299-4PAGR Datasheet HTML 10Page - Texas Instruments ADS1299-4PAGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
7
ADS1299, ADS1299-4, ADS1299-6
www.ti.com
SBAS499B – JULY 2012 – REVISED OCTOBER 2016
Product Folder Links: ADS1299 ADS1299-4 ADS1299-6
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Analog power supply
AVDD to AVSS
4.75
5
5.25
V
Digital power supply
DVDD to DGND
1.8
1.8
3.6
V
Analog to Digital supply
AVDD – DVDD
–2.1
3.6
V
ANALOG INPUTS
Full-scale differential input
voltage
VINxP – VINxN
±VREF / gain
V
Input common-mode range
(VINxP + VINxN) / 2
See the Input Common-Mode Range
subsection of the PGA Settings and Input
Range section
VOLTAGE REFERENCE INPUTS
VREF
Reference input voltage
VREF = (VVREFP – VVREFN)
4.5
V
VREFN
Negative input
AVSS
V
VREFP
Positive input
AVSS + 4.5
V
CLOCK INPUT
External clock input frequency CLKSEL pin = 0
1.5
2.048
2.25
MHz
DIGITAL INPUTS
Input voltage
DGND
DVDD
V
TEMPERATURE RANGE
TA
Operating temperature range
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
ADS1299-4, ADS1299-6, ADS1299
UNIT
PAG (TQFP)
64 PINS
RθJA
Junction-to-ambient thermal resistance
46.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
5.8
°C/W
RθJB
Junction-to-board thermal resistance
19.6
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
19.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W


Número de pieza similar - ADS1299-4PAGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1299 TI1-ADS1299 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299 Datasheet
1Mb / 65P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299CPAG TI1-ADS1299CPAG Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
ADS1299IPAG TI1-ADS1299IPAG Datasheet
1Mb / 65P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Descripción similar - ADS1299-4PAGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1299_1211 TI1-ADS1299_1211 Datasheet
1Mb / 65P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299_14 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com