Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CSD13380F3T Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. CSD13380F3T
Descripción  12-V N-Channel FemtoFET MOSFET
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

CSD13380F3T Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
VDS - Drain-to-Source Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
6
7
8
9
10
D002
VGS = 1.8 V
VGS = 2.5 V
VGS = 4.5 V
VGS - Gate-to-Source Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D003
TC = 125°C
TC = 25°C
TC = -55°C
4
CSD13380F3
SLPS593 – OCTOBER 2016
www.ti.com
Product Folder Links: CSD13380F3
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5.3 Typical MOSFET Characteristics
TA = 25°C (unless otherwise stated)
Figure 1. Transient Thermal Impedance
Figure 2. Saturation Characteristics
VDS = 5 V
Figure 3. Transfer Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn