Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLP6500 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza DLP6500
Descripción Electrónicos  0.65 1080p MVSP Type A DMD
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLP6500 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLP6500 Datasheet HTML 2Page - Texas Instruments DLP6500 Datasheet HTML 3Page - Texas Instruments DLP6500 Datasheet HTML 4Page - Texas Instruments DLP6500 Datasheet HTML 5Page - Texas Instruments DLP6500 Datasheet HTML 6Page - Texas Instruments DLP6500 Datasheet HTML 7Page - Texas Instruments DLP6500 Datasheet HTML 8Page - Texas Instruments DLP6500 Datasheet HTML 9Page - Texas Instruments DLP6500 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
DLP6500
DLPS040A – OCTOBER 2014 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: DLP6500
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN(1)
TYPE
(I/O/P)
SIGNAL
DATA
RATE(2)
INTERNAL
TERM(3)
DESCRIPTION
TRACE
(mils)(4)
NAME
NO.
ENABLES & INTERRUPTS
PWRDNZ
C3
Input
LVCMOS
Pull-Down
Active-low Device Reset
390.76
RESET_OEZ
W1
Input
LVCMOS
Pull-Down
Active-low output enable for DMD reset
driver circuits
513.87
RESETZ
G3
Input
LVCMOS
Pull-Down
Active-low sets Reset circuits in known
VOFFSET state
941.63
RESET_IRQZ
T6
Output
LVCMOS
Active-low, output interrupt to ASIC
403.34
VOLTAGE REGULATOR MONITORING
PG_BIAS
AA11
Input
LVCMOS
Pull-Up
Active-low fault from external VBIAS
regulator
858.86
PG_OFFSET
Y10
Input
LVCMOS
Pull-Up
Active-low fault from external VOFFSET
regulator
822.06
PG_RESET
V4
Input
LVCMOS
Pull-Up
Active-low fault from external VRESET
regulator
1186.98
EN_BIAS
D12
Output
LVCMOS
Active-high enable for external VBIAS
regulator
167.53
EN_OFFSET
AB8
Output
LVCMOS
Active-high enable for external VOFFSET
regulator
961.04
EN_RESET
H2
Output
LVCMOS
Active-high enable for external VRESET
regulator
566.05
LEAVE PIN UNCONNECTED
MBRST(0)
P2
Output
Analog
Pull-Down
For proper DMD operation, do not connect
1167.69
MBRST(1)
AB4
Output
Analog
Pull-Down
For proper DMD operation, do not connect
1348.04
MBRST(2)
AA7
Output
Analog
Pull-Down
For proper DMD operation, do not connect
1240.35
MBRST(3)
N3
Output
Analog
Pull-Down
For proper DMD operation, do not connect
1030.51
MBRST(4)
M4
Output
Analog
Pull-Down
For proper DMD operation, do not connect
870.63
MBRST(5)
AB6
Output
Analog
Pull-Down
For proper DMD operation, do not connect
1267.73
MBRST(6)
AA5
Output
Analog
Pull-Down
For proper DMD operation, do not connect
1391.22
MBRST(7)
L3
Output
Analog
Pull-Down
For proper DMD operation, do not connect
1064.01
MBRST(8)
Y6
Output
Analog
Pull-Down
For proper DMD operation, do not connect
552.89
MBRST(9)
K4
Output
Analog
Pull-Down
For proper DMD operation, do not connect
992.63
MBRST(10)
L5
Output
Analog
Pull-Down
For proper DMD operation, do not connect
1063.13
MBRST(11)
AC5
Output
Analog
Pull-Down
For proper DMD operation, do not connect
641.44
MBRST(12)
Y8
Output
Analog
Pull-Down
For proper DMD operation, do not connect
428.07
MBRST(13)
J5
Output
Analog
Pull-Down
For proper DMD operation, do not connect
962.91
MBRST(14)
K6
Output
Analog
Pull-Down
For proper DMD operation, do not connect
1093.63
MBRST(15)
AC7
Output
Analog
Pull-Down
For proper DMD operation, do not connect
577.13
LEAVE PIN UNCONNECTED
RESERVED_PFE
AA1
Input
LVCMOS
Pull-Down
For proper DMD operation, do not connect
1293.6
RESERVED_TM
B6
Input
LVCMOS
Pull-Down
For proper DMD operation, do not connect
365.64
RESERVED_XI1
D2
Input
LVCMOS
Pull-Down
For proper DMD operation, do not connect
689.96
RESERVED_TP0
Y2
Input
Analog
For proper DMD operation, do not connect
667.66
RESERVED_TP1
P6
Input
Analog
For proper DMD operation, do not connect
623.99
RESERVED_TP2
W3
Input
Analog
For proper DMD operation, do not connect
564.35
LEAVE PIN UNCONNECTED
RESERVED_BA
U3
Output
LVCMOS
For proper DMD operation, do not connect
684.44
RESERVED_BB
C9
Output
LVCMOS
For proper DMD operation, do not connect
223.73
RESERVED_TS
D10
Output
LVCMOS
For proper DMD operation, do not connect
90.87
LEAVE PIN UNCONNECTED
NO CONNECT
H6
For proper DMD operation, do not connect


Número de pieza similar - DLP6500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLP6500FLQ TI1-DLP6500FLQ Datasheet
601Kb / 49P
[Old version datasheet]   MVSP Type A DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
More results

Descripción similar - DLP6500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLP6500FLQ TI1-DLP6500FLQ Datasheet
601Kb / 49P
[Old version datasheet]   MVSP Type A DMD
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
[Old version datasheet]   DLP651NE 0.65 1080p DMD
DLP650NE TI1-DLP650NE Datasheet
4Mb / 44P
[Old version datasheet]   0.65 1080p S600 DMD
DLP650LE TI1-DLP650LE Datasheet
737Kb / 38P
[Old version datasheet]   0.65 WXGA DMD
DLP3310 TI1-DLP3310 Datasheet
145Kb / 5P
[Old version datasheet]   0.33 1080p DMD
DLP4710 TI1-DLP4710_18 Datasheet
792Kb / 43P
[Old version datasheet]   0.47 1080p DMD
DLP470NE TI1-DLP470NE Datasheet
469Kb / 42P
[Old version datasheet]   0.47 1080P DMD
DLP230NP TI1-DLP230NP Datasheet
122Kb / 6P
[Old version datasheet]   23 1080p DMD
DLP470NE TI1-DLP470NE_19 Datasheet
763Kb / 46P
[Old version datasheet]   0.47 1080P DMD
DLP4710 TI1-DLP4710_16 Datasheet
846Kb / 39P
[Old version datasheet]   0.47 1080p DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com