Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLP9000_016 Datasheet(PDF) 9 Page - Texas Instruments |
|
DLP9000_016 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 59 page 9 DLP9000 www.ti.com DLPS036B – SEPTEMBER 2014 – REVISED OCTOBER 2016 Product Folder Links: DLP9000 Submit Documentation Feedback Copyright © 2014–2016, Texas Instruments Incorporated Pin Functions (continued) PIN (1) TYPE (I/O/P) SIGNAL DATA RATE (2) INTERNAL TERM (3) DESCRIPTION TRACE (mils) (4) NAME NO. MBRST(7) T28 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(8) M4 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(9) L29 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(10) T4 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(11) N29 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(12) N3 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(13) L27 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(14) R3 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(15) V28 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(16) V4 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(17) R29 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(18) Y4 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(19) AA27 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(20) W3 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(21) W27 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(22) AA3 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(23) W29 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(24) U5 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(25) U29 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(26) Y2 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(27) AA29 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(28) U3 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(29) Y30 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(30) AA5 Output Analog Pull-Down For proper DMD operation, do not connect MBRST(31) R27 Output Analog Pull-Down For proper DMD operation, do not connect LEAVE PIN UNCONNECTED RESERVED_PFE J11 Input LVCMOS Pull-Down For proper DMD operation, do not connect RESERVED_TM AC7 Input LVCMOS Pull-Down For proper DMD operation, do not connect RESERVED_XI0 AC25 Input LVCMOS Pull-Down For proper DMD operation, do not connect RESERVED_XI1 AC23 Input LVCMOS Pull-Down For proper DMD operation, do not connect RESERVED_XI2 J23 Input LVCMOS Pull-Down For proper DMD operation, do not connect RESERVED_TP0 AC9 Input Analog For proper DMD operation, do not connect RESERVED_TP1 AC11 Input Analog For proper DMD operation, do not connect RESERVED_TP2 AC13 Input Analog For proper DMD operation, do not connect LEAVE PIN UNCONNECTED RESERVED_BA AC15 Output LVCMOS For proper DMD operation, do not connect RESERVED_BB J13 Output LVCMOS For proper DMD operation, do not connect RESERVED_BC AC21 Output LVCMOS For proper DMD operation, do not connect RESERVED_BD J21 Output LVCMOS For proper DMD operation, do not connect RESERVED_TS AC17 Output LVCMOS For proper DMD operation, do not connect LEAVE PIN UNCONNECTED NO CONNECT J7 For proper DMD operation, do not connect NO CONNECT J9 For proper DMD operation, do not connect NO CONNECT J25 For proper DMD operation, do not connect |
Número de pieza similar - DLP9000_016 |
|
Descripción similar - DLP9000_016 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |