Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OPT3006YMFT Datasheet(PDF) 9 Page - Texas Instruments |
|
|
OPT3006YMFT Datasheet(HTML) 9 Page - Texas Instruments |
9 / 41 page Continuous I2C Frequency (KHz) 0.01 0.1 1 10 100 1000 10000 0.1 1 10 100 D015 Vdd = 3.3V Vdd = 1.6V Temperature (qC) -40 -20 0 20 40 60 80 100 1 1.5 2 2.5 3 3.5 D013 Vdd = 3.3V Vdd = 1.6V Temperature (qC) -40 -20 0 20 40 60 80 100 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 D014 Vdd = 3.3V Vdd = 1.6V Input Illuminance (Lux) 100 1000 10000 100000 1 1.5 2 2.5 3 3.5 4 D011 Input Illuminance (Lux) 0 20000 40000 60000 80000 0.2 0.25 0.3 0.35 0.4 0.45 0.5 D011 D012 9 OPT3006 www.ti.com SBOS698 – OCTOBER 2016 Product Folder Links: OPT3006 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated Typical Characteristics (continued) At TA = 25°C, VDD = 3.3 V, 800-ms conversion time (CT = 1), automatic full-scale range (RN[3:0] = 1100b), white LED, and normal-angle incidence of light, unless otherwise specified. M[1:0] = 10b Figure 14. Supply Current vs Input Illuminance M[1:0] = 00b Figure 15. Shutdown Current vs Input Illuminance M[1:0] = 10b Figure 16. Supply Current vs Temperature M[1:0] = 00b, input illuminance = 0 lux Figure 17. Shutdown Current vs Temperature Input illuminance = 80 lux, SCL = SDA, continuously toggled at I2C frequency Note: A typical application runs at a lower duty cycle and thus consumes a lower current. Figure 18. Supply Current vs Continuous I2C Frequency |
Número de pieza similar - OPT3006YMFT |
|
Descripción similar - OPT3006YMFT |