Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H645FNR2G Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC10H645FNR2G
Descripción Electrónicos  TTL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H645FNR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC10H645FNR2G Datasheet HTML 1Page - ON Semiconductor MC10H645FNR2G Datasheet HTML 2Page - ON Semiconductor MC10H645FNR2G Datasheet HTML 3Page - ON Semiconductor MC10H645FNR2G Datasheet HTML 4Page - ON Semiconductor MC10H645FNR2G Datasheet HTML 5Page - ON Semiconductor MC10H645FNR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC10H645
www.onsemi.com
4
Table 7. AC CHARACTERISTICS (VT = VE = 5.0 V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
Propagation Delay
D0 to Output Only
Q0−Q8
4.8
5.8
4.8
5.8
5.2
6.2
ns
CL = 50 pF
tPLH
Propagation Delay
D1 to Output
4.8
5.8
4.8
5.8
5.2
6.2
ns
tPHL
Propagation Delay
D0 to Output
D1 to Output
4.8
4.8
5.8
5.8
4.8
4.8
5.8
5.8
5.2
5.2
6.2
6.2
ns
tskpp
Part−to−Part Skew
D0 to Output Only
1.0
1.0
1.0
ns
tskwd*
Within−Device Skew
D0 to Output Only
0.65
0.65
0.65
ns
tPLH
Propagation Delay
SEL to Q
Q0−Q8
4.5
6.5
5.0
7.0
5.2
7.2
ns
CL = 50 pF
tr
tf
Output Rise/Fall Time
0.8V to 2.0V
Q0−Q8
0.5
0.5
2.5
2.5
0.5
0.5
2.5
2.5
0.5
0.5
2.5
2.5
ns
CL = 50 pF
tS
Setup Time
SEL to D
1.0
1.0
1.0
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
*Within−Device Skew defined as identical transitions on similar paths through a device.
Table 8. DUTY CYCLE SPECIFICATIONS (0
°C ≤ TA ≤ 85°C; Duty Cycle Measured Relative to 1.5 V)
Symbol
Characteristic
Min
Nom
Max
Unit
Condition
PW
Range of VCC and CL to Meet Min Pulse
Width (HIGH or LOW) at fout ≤50MHz
VCC
CL
PW
4.875
10.0
9.0
5.0
5.125
50.0
11.0
V
pF
ns
All Outputs
ORDERING INFORMATION
Device
Package
Shipping
MC10H645FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC10H645FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Número de pieza similar - MC10H645FNR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H645FNR2G ONSEMI-MC10H645FNR2G Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results

Descripción similar - MC10H645FNR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com