Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100LVEP11MNR4G Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza MC100LVEP11MNR4G
Descripción Electrónicos  ECL 1:2 Differential Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP11MNR4G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC100LVEP11MNR4G Datasheet HTML 5Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 6Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 7Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 8Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 9Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 10Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 11Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 12Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MC10LVEP11, MC100LVEP11
www.onsemi.com
9
Figure 7. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10LVEP11DG
SOIC−8NB
(Pb-Free)
98 Units / Rail
MC10LVEP11DR2G
SOIC−8NB
(Pb-Free)
2500 / Tape & Reel
MC10LVEP11DTG
TSSOP−8
(Pb-Free)
100 Units / Rail
MC10LVEP11DTR2G
TSSOP−8
(Pb-Free)
2500 / Tape & Reel
MC100LVEP11DG
SOIC−8
(Pb-Free)
98 Units / Rail
MC100LVEP11DR2G
SOIC−8
(Pb-Free)
2500 / Tape & Reel
MC100LVEP11DTG
TSSOP−8
(Pb-Free)
100 Units / Rail
MC100LVEP11DTR2G
TSSOP−8
(Pb-Free)
2500 / Tape & Reel
MC100LVEP11MNR4G
DFN−8
(Pb-Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Número de pieza similar - MC100LVEP11MNR4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVEP11MNR4G ONSEMI-MC100LVEP11MNR4G Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
More results

Descripción similar - MC100LVEP11MNR4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com