Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EP40DTG Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza MC100EP40DTG
Descripción Electrónicos  3.3V / 5V ECL Differential Phase-Frequency Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP40DTG Datasheet(HTML) 8 Page - ON Semiconductor

  MC100EP40DTG Datasheet HTML 1Page - ON Semiconductor MC100EP40DTG Datasheet HTML 2Page - ON Semiconductor MC100EP40DTG Datasheet HTML 3Page - ON Semiconductor MC100EP40DTG Datasheet HTML 4Page - ON Semiconductor MC100EP40DTG Datasheet HTML 5Page - ON Semiconductor MC100EP40DTG Datasheet HTML 6Page - ON Semiconductor MC100EP40DTG Datasheet HTML 7Page - ON Semiconductor MC100EP40DTG Datasheet HTML 8Page - ON Semiconductor MC100EP40DTG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC100EP40
http://onsemi.com
8
PACKAGE DIMENSIONS
TSSOP−20
CASE 948E−02
ISSUE C
DIM
A
MIN
MAX
MIN
MAX
INCHES
6.60
0.260
MILLIMETERS
B
4.30
4.50
0.169
0.177
C
1.20
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.27
0.37
0.011
0.015
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
_
___
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION:
MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE
MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH OR GATE BURRS
SHALL NOT EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION
SHALL NOT EXCEED 0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08
(0.003) TOTAL IN EXCESS OF THE K
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
110
11
20
PIN 1
IDENT
A
B
−T−
0.100 (0.004)
C
D
G
H
SECTION N−N
K
K1
JJ1
N
N
M
F
−W−
SEATING
PLANE
−V−
−U−
S
U
M
0.10 (0.004)
V S
T
20X
REF
K
L
L/2
2X
S
U
0.15 (0.006) T
DETAIL E
0.25 (0.010)
DETAIL E
6.40
0.252
---
---
S
U
0.15 (0.006) T
7.06
16X
0.36
16X
1.26
0.65
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Número de pieza similar - MC100EP40DTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP40DTG ONSEMI-MC100EP40DTG Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
More results

Descripción similar - MC100EP40DTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP40 ONSEMI-MC100EP40 Datasheet
68Kb / 8P
   3.3V / 5V ECL Differential Phase-Frequency Detector
January, 2004 ??Rev. 8
MC100EP40 ONSEMI-MC100EP40_06 Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY100EP140L MICREL-SY100EP140L Datasheet
481Kb / 6P
   3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
logo
ON Semiconductor
MC100EP140DR2 ONSEMI-MC100EP140DR2 Datasheet
55Kb / 8P
   3.3VECL Phase-Frequency Detector
September, 2002 ??Rev. 5
MC100LVEL40 ONSEMI-MC100LVEL40_06 Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40DW ONSEMI-MC100LVEL40DW Datasheet
108Kb / 6P
   3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100EP140 ONSEMI-MC100EP140_06 Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com