Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EP16VTDTR2G Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza MC100EP16VTDTR2G
Descripción Electrónicos  3.3 V / 5 V ECL Differential Receiver/Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16VTDTR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC100EP16VTDTR2G Datasheet HTML 3Page - ON Semiconductor MC100EP16VTDTR2G Datasheet HTML 4Page - ON Semiconductor MC100EP16VTDTR2G Datasheet HTML 5Page - ON Semiconductor MC100EP16VTDTR2G Datasheet HTML 6Page - ON Semiconductor MC100EP16VTDTR2G Datasheet HTML 7Page - ON Semiconductor MC100EP16VTDTR2G Datasheet HTML 8Page - ON Semiconductor MC100EP16VTDTR2G Datasheet HTML 9Page - ON Semiconductor MC100EP16VTDTR2G Datasheet HTML 10Page - ON Semiconductor MC100EP16VTDTR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC100EP16VT
www.onsemi.com
7
Figure 4. Voltage Source Implementation, VCTRL Pin 1
1
2
3
45
6
7
8
Q*
VEE
VCC
D
Q*
D
VTT
VCTRL
VCTRL +
50 W
50 W
Figure 5. Alternative Implementations, VCTRL Pin 1
1
2
3
45
6
7
8
Q*
VEE
VCC
D
Q*
D
VTT
VCTRL
VCC
50 W
50 W
VBB
VEE
Figure 6. Standard Termination Method, VTT Pin 4
1
2
3
45
6
7
8
Q*
VEE
VCC
D
Q*
D
VTT
VCTRL
VCTRL +
50 W
50 W
VCC−2V


Número de pieza similar - MC100EP16VTDTR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP16VTDTR2G ONSEMI-MC100EP16VTDTR2G Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
More results

Descripción similar - MC100EP16VTDTR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
MC100EP16VS ONSEMI-MC100EP16VS_16 Datasheet
184Kb / 11P
   3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
August, 2016 ??Rev. 7
MC100EP16F ONSEMI-MC100EP16F_16 Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100LVEL17 ONSEMI-MC100LVEL17_16 Datasheet
152Kb / 7P
   3.3 V ECL Quad Differential Receiver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
MC100EL17 ONSEMI-MC100EL17_16 Datasheet
146Kb / 5P
   5V ECL Quad Differential Receiver
July, 2016 ??Rev. 8
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com