Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EP40DTR2G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC100EP40DTR2G
Descripción Electrónicos  3.3V / 5V ECL Differential Phase-Frequency Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP40DTR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EP40DTR2G Datasheet HTML 1Page - ON Semiconductor MC100EP40DTR2G Datasheet HTML 2Page - ON Semiconductor MC100EP40DTR2G Datasheet HTML 3Page - ON Semiconductor MC100EP40DTR2G Datasheet HTML 4Page - ON Semiconductor MC100EP40DTR2G Datasheet HTML 5Page - ON Semiconductor MC100EP40DTR2G Datasheet HTML 6Page - ON Semiconductor MC100EP40DTR2G Datasheet HTML 7Page - ON Semiconductor MC100EP40DTR2G Datasheet HTML 8Page - ON Semiconductor MC100EP40DTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC100EP40
http://onsemi.com
3
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
N/A
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 100 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
TSSOP−20
Level 1
Level 3
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
699 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
6
V
VEE
NECL Mode Power Supply
VCC = 0 V
−6
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
TSSOP−20
TSSOP−20
140
100
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
TSSOP−20
23 to 41
°C/W
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.


Número de pieza similar - MC100EP40DTR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP40DTR2G ONSEMI-MC100EP40DTR2G Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
More results

Descripción similar - MC100EP40DTR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP40 ONSEMI-MC100EP40 Datasheet
68Kb / 8P
   3.3V / 5V ECL Differential Phase-Frequency Detector
January, 2004 ??Rev. 8
MC100EP40 ONSEMI-MC100EP40_06 Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY100EP140L MICREL-SY100EP140L Datasheet
481Kb / 6P
   3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
logo
ON Semiconductor
MC100EP140DR2 ONSEMI-MC100EP140DR2 Datasheet
55Kb / 8P
   3.3VECL Phase-Frequency Detector
September, 2002 ??Rev. 5
MC100LVEL40 ONSEMI-MC100LVEL40_06 Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40DW ONSEMI-MC100LVEL40DW Datasheet
108Kb / 6P
   3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100EP140 ONSEMI-MC100EP140_06 Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com