Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EP91DWR2G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC100EP91DWR2G
Descripción Electrónicos  Any Level Positive Input to NECL Output Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP91DWR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EP91DWR2G Datasheet HTML 1Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 2Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 3Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 4Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 5Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 6Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 7Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 8Page - ON Semiconductor MC100EP91DWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC100EP91
www.onsemi.com
3
D1
D1
D2
17
18
16
15
14
13
12
4
3
56
78
9
Q0
11
10
Q1 Q1
Q2 Q2 NC
VEE
D0
19
20
2
1
VCC Q0
D0
D2
VCC
VBB
MC100EP91
GND
GND
VBB
Figure 2. SOIC−20 Lead Pinout (Top View)
VEE
D2
GND
Q0
D1
VCC
VCC
GND GND
Q1
VBB
NC
VBB
VCC
GND
Q1
D1
D2
Q2
VEE
MC100EP91
Figure 3. QFN−24 Lead Pinout (Top View)*
Q2
Q0
D0
D0
18
12
4
3
5
6
78
9
11
10
2
1
17
16
15
14
13
19
24
23
22
20
21
Exposed Pad
(EP)
*All VCC, VEE and GND pins must be externally connected to a power supply and the underside exposed pad must be attached to an adequate
heat−sinking conduit to guarantee proper operation.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
(R1)
75 kW
Internal Input Pullup Resistor
(R2)
75 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 150 V
> 2 kV
Moisture Sensitivity (Note 1)
Pb-Free Pkg
SOIC−20 WB
QFN−24
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
446 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Número de pieza similar - MC100EP91DWR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP91DWR2G ONSEMI-MC100EP91DWR2G Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
More results

Descripción similar - MC100EP91DWR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
MC100EP91 ONSEMI-MC100EP91 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
NB100LVEP91 ONSEMI-NB100LVEP91_06 Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
logo
Micrel Semiconductor
SY89327L MICREL-SY89327L_07 Datasheet
85Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
SY55857L MICREL-SY55857L_06 Datasheet
68Kb / 8P
   3.3V, 2.5Gbps ANY INPUT-to-LVPECL DUAL TRANSLATOR
SY89327L MICREL-SY89327L Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
logo
Microsemi Corporation
ZL30250 MICROSEMI-ZL30250 Datasheet
272Kb / 4P
   3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
August 2014
logo
Silicon Laboratories
SI53313 SILABS-SI53313 Datasheet
1Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com