Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EPT23DG Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC100EPT23DG
Descripción Electrónicos  3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT23DG Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EPT23DG Datasheet HTML 1Page - ON Semiconductor MC100EPT23DG Datasheet HTML 2Page - ON Semiconductor MC100EPT23DG Datasheet HTML 3Page - ON Semiconductor MC100EPT23DG Datasheet HTML 4Page - ON Semiconductor MC100EPT23DG Datasheet HTML 5Page - ON Semiconductor MC100EPT23DG Datasheet HTML 6Page - ON Semiconductor MC100EPT23DG Datasheet HTML 7Page - ON Semiconductor MC100EPT23DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC100EPT23
www.onsemi.com
2
1
2
3
45
6
7
8
Q0
GND
VCC
Figure 1. Logic Diagram and 8-Lead Pinout
D0
Q1
D1
D1
D0
LVPECL
LVTTL
(Top View)
Table 1. PIN DESCRIPTION
Pin
Function
Q0, Q1
LVTTL/LVCMOS Outputs
D0**, D1**
D0**, D1**
Differential LVPECL/LVDS/CML Inputs
VCC
Positive Supply
GND
Ground
EP
(DFN−8 only) Thermal exposed pad must be
connected to a sufficient thermal conduit.
Electrically connect to the most negative
supply (GND) or leave unconnected, floating
open.
** Pins will default to VCC/2 when left open.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
50 kW
Internal Input Pullup Resistor
50 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 1500 V
> 100 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb-Free Pkg
SOIC−8NB
TSSOP−8
DFN−8
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
91 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Power Supply
GND = 0 V
3.8
V
VI
Input Voltage
GND = 0 V
VI ≤ VCC
3.8
V
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
SOIC−8NB
190
130
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
SOIC−8NB
41 to 44
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
TSSOP−8
185
140
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
TSSOP−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
DFN−8
129
84
°C/W


Número de pieza similar - MC100EPT23DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EPT23DG ONSEMI-MC100EPT23DG Datasheet
65Kb / 8P
   Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
MC100EPT23DG ONSEMI-MC100EPT23DG Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
More results

Descripción similar - MC100EPT23DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
MC100LVELT23 ONSEMI-MC100LVELT23_16 Datasheet
162Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
July, 2016 ??Rev. 19
MC100LVELT23 ONSEMI-MC100LVELT23_06 Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
MC100LVELT23 ONSEMI-MC100LVELT23 Datasheet
66Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 12
logo
Texas Instruments
SN65LVELT23 TI-SN65LVELT23 Datasheet
271Kb / 10P
[Old version datasheet]   3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com