Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCP1216 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza NCP1216
Descripción Electrónicos  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1216 Datasheet HTML 2Page - ON Semiconductor NCP1216 Datasheet HTML 3Page - ON Semiconductor NCP1216 Datasheet HTML 4Page - ON Semiconductor NCP1216 Datasheet HTML 5Page - ON Semiconductor NCP1216 Datasheet HTML 6Page - ON Semiconductor NCP1216 Datasheet HTML 7Page - ON Semiconductor NCP1216 Datasheet HTML 8Page - ON Semiconductor NCP1216 Datasheet HTML 9Page - ON Semiconductor NCP1216 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP1216, NCP1216A
http://onsemi.com
6
TEMPERATURE (
°C)
Figure 3. High Voltage Pin Leakage Current vs.
Temperature
0
10
20
30
40
50
−25
0
25
50
75
100
125
Figure 4. VCCOFF vs. Temperature
11.0
11.5
12.0
12.5
13.0
13.5
14.0
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 5. VCCON vs. Temperature
9.0
9.5
10.0
10.5
11.0
11.5
12.0
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
500
600
700
800
900
1000
1100
1200
1300
1400
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 6. ICC1 (@ VCC = 11 V) vs. Temperature
65 kHz
133 kHz
100 kHz
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
133 kHz
100 kHz
65 kHz
Figure 7. ICC2 vs. Temperature
50
70
90
110
130
150
−25
0
25
50
75
100
125
133 kHz
100 kHz
65 kHz
TEMPERATURE (
°C)
Figure 8. Switching Frequency vs.
Temperature
TYPICAL CHARACTERISTICS


Número de pieza similar - NCP1216

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP1216 ONSEMI-NCP1216 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1216 ONSEMI-NCP1216 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1216 ONSEMI-NCP1216 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216 ONSEMI-NCP1216 Datasheet
397Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 16
NCP1216A ONSEMI-NCP1216A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Descripción similar - NCP1216

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com