Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTBA6C12H8 Datasheet(PDF) 8 Page - Cystech Electonics Corp.

No. de pieza MTBA6C12H8
Descripción Electrónicos  N- AND P-Channel Enhancement Mode MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C12H8 Datasheet(HTML) 8 Page - Cystech Electonics Corp.

Back Button MTBA6C12H8_16 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C12H8_16 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C12H8_16 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C12H8_16 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C12H8_16 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C12H8_16 Datasheet HTML 9Page - Cystech Electonics Corp. MTBA6C12H8_16 Datasheet HTML 10Page - Cystech Electonics Corp. MTBA6C12H8_16 Datasheet HTML 11Page - Cystech Electonics Corp. MTBA6C12H8_16 Datasheet HTML 12Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CYStech Electronics Corp.
Spec. No. : C973H8
Issued Date : 2016.07.06
Revised Date : 2016.11.08
Page No. : 8/14
MTBA6C12H8
CYStek Product Specification
Typical Characteristics(Cont.) : Q2(P-channel)
Capacitance vs Drain-to-Source Voltage
10
100
1000
0
1020
30405060
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250μA
ID=-1mA
-VDS, Drain-Source Voltage(V)
Ciss
C oss
Crss
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
-ID, Drain Current(A)
VDS=-10V
Pulsed
TA=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0246
8
10
12
14
Qg, Total Gate Charge(nC)
ID=-1.5A
VDS=-96V
VDS=-60V
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.1
1
10
100
1000
-VDS, Drain-Source Voltage(V)
DC
10ms
100ms
100
μs
TA=25°C, Tj=150°C, VGS=-10V
RθJA=50°C/W, Single Pulse
1s
1ms
Maximum Drain Current vs Junction Temperature
0
0.5
1
1.5
2
2.5
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, Tj(max)=150°C,VGS=-10V
RθJA=50°C/W


Número de pieza similar - MTBA6C12H8_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTBA6C12H8-0-T6-G CYSTEKEC-MTBA6C12H8-0-T6-G Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
More results

Descripción similar - MTBA6C12H8_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com