Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMRR7116C-1 Datasheet(PDF) 1 Page - Copal Electronics

No. de pieza SMRR7116C-1
Descripción Electrónicos  Hyper-Miniature Dip Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COPAL [Copal Electronics]
Página de inicio  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SMRR7116C-1 Datasheet(HTML) 1 Page - Copal Electronics

  SMRR7116C-1 Datasheet HTML 1Page - Copal Electronics SMRR7116C-1 Datasheet HTML 2Page - Copal Electronics SMRR7116C-1 Datasheet HTML 3Page - Copal Electronics SMRR7116C-1 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMR
・SMRR
Hyper-Miniature Dip Rotary Switches(7.5mm sq.)
〔Surface Mount〕
*
*
Washable
RoHS Compliant
■ Features
1. Hyper-miniature Size(7.5mm sq.)
Designed for high density mounting.
2. Process Sealed
3. Gold Plated Contacts
4. Clearly Visible Legends and Position
Indicator
■ SpeciÄcations
Rating
Switching
Max. 30mA 15VDC
Min.
1
μA 20mVDC
Non-switching
100mA 50VDC
Contact resistance
100m
Ω maximum
Dielectric strength
250VAC, 60s
Insulation resistance
1,000M
Ω . minimum
(100VDC)
Load life
10,000 steps 30mA 15VDC
Operating torque
49mN
・m〔500gf・cm〕maximum
Operating temperature range
−25∼+85℃
Storage temperature range
−40∼+85℃
■ Part Numberring
SMR R
7
0
10
C
- 1 E
Series code
Terminals
Actuators
Circuits
Number of positions
Packaging spec
Structure
None
Gull Wing
R
Right angle
7
Screwdriver Actuator
8
Shaft Actuator
0
Real code
1
Complementary code
10
10 positions
16
16 positions
1
Stick-Tube
1E
Taping
■ Table of Part Numbers
Actuators
Screwdriver Actuator
Shaft Actuator
Circuit function
Positions
Terminals
Gull Wing
Right Angle
Gull Wing
Right Angle
Real code
10
SMR7010C-1
SMR7010C-1E
SMRR7010C-1
SMRR7010C-1E
★ SMR8010C-1
★ SMRR8010C-1
★ SMRR8010C-1E
16
SMR7016C-1
SMR7016C-1E
SMRR7016C-1
SMRR7016C-1E
SMR8016C-1
★ SMRR8016C-1
★ SMRR8016C-1E
Complementary code
10
SMR7110C-1
SMR7110C-1E
SMRR7110C-1
SMRR7110C-1E
SMR8110C-1
★ SMRR8110C-1
★ SMRR8110C-1E
16
SMR7116C-1
SMR7116C-1E
SMRR7116C-1
SMRR7116C-1E
★ SMR8116C-1
★ SMRR8116C-1
★ SMRR8116C-1E
★:Made-to-order products.


Número de pieza similar - SMRR7116C-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
   REED RELAY, 1 FORM A
More results

Descripción similar - SMRR7116C-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
Copal Electronics
ASE COPAL-ASE Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
MHS COPAL-MHS Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
ASE-SERIES COPAL-ASE-SERIES Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
CF-LD-SERIES COPAL-CF-LD-SERIES Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
CF-LD COPAL-CF-LD Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
MR-STEP30 COPAL-MR-STEP30 Datasheet
574Kb / 3P
   Miniature Rotary Switches
SRF COPAL-SRF Datasheet
488Kb / 2P
   Miniature Rotary Switches
MRE COPAL-MRE Datasheet
766Kb / 2P
   Miniature Rotary Switches
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com