Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BD2220G Datasheet(Hoja de datos) 11 Page - Rohm

No. de Pieza. BD2220G
Descripción  0.75A Current Limit Latch Off High Side Switch ICs
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

 11 page
background image
BD2220G
BD2221G
Datasheet
Typical Performance Curves - continued
0.0
1.0
2.0
3.0
4.0
5.0
6.0
2
3
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Supply Voltage ; VIN[V]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Ambient Temperature ; Ta[°C]
Figure 24. Output Turn OFF Time vs
Supply Voltage
Figure 25. Output Turn OFF Time vs
Ambient Temperature
Supply Voltage ; VIN[V]
10
12
14
16
18
20
2
3
4
5
6
Ta=25°C
Figure 26. /OC Delay Time vs
Supply Voltage
Ambient Temperature ; Ta[°C]
10
12
14
16
18
20
-50
0
50
100
VIN=5.0V
Figure 27. /OC Delay Time vs
Ambient Temperature
11/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300190-1-2
21.Aug.2014 Rev.003




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl