Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM5410BRSZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADuM5410BRSZ
Descripción Electrónicos  Quad-Channel Isolators with Integrated DC-to-DC Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM5410BRSZ Datasheet(HTML) 4 Page - Analog Devices

  ADuM5410BRSZ Datasheet HTML 1Page - Analog Devices ADuM5410BRSZ Datasheet HTML 2Page - Analog Devices ADuM5410BRSZ Datasheet HTML 3Page - Analog Devices ADuM5410BRSZ Datasheet HTML 4Page - Analog Devices ADuM5410BRSZ Datasheet HTML 5Page - Analog Devices ADuM5410BRSZ Datasheet HTML 6Page - Analog Devices ADuM5410BRSZ Datasheet HTML 7Page - Analog Devices ADuM5410BRSZ Datasheet HTML 8Page - Analog Devices ADuM5410BRSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADuM5410/ADuM5411/ADuM5412
Data Sheet
Rev. 0 | Page 4 of 29
Table 6. Input and Output Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/
Comments
DC SPECIFICATIONS
Input Threshold
Logic High
VIH
0.7 × VISO or 0.7 ×
VDD1
V
Logic Low
VIL
0.3 × VISO or 0.3 ×
VDD1
V
Output Voltage
Logic High
VOH
VDD1 − 0.2 or VDD2
0.2
VDD1 or VDD2
V
IOx1 = −20 µA, VIx = VIxH2
VDD1 − 0.5 or
VDD2 − 0.5
VDD1 − 0.2 or
VDD2 − 0.2
V
IOx = −4 mA, VIx = VIxH
Logic Low
VOL
0.0
0.1
V
IOx = 20 µA, VIx = VIxL3
0.0
0.4
V
IOx = 4 mA, VIx = VIxL
Undervoltage Lockout
UVLO
VDD1, VDD2, and VDDP supply
Positive Going Threshold
VUV+
1.6
V
Negative Going Threshold
VUV−
1.5
V
Hysteresis
VUVH
0.1
V
Input Currents per Channel
II
−10
+0.01
+10
µA
0 V ≤ VIx ≤ VDDx
Quiescent Supply Current
ADuM5410
IDD1 (Q)
1.2
2.2
mA
VIx = Logic 0
IDD2 (Q)
2.0
2.72
mA
VIx = Logic 0
IDD1 (Q)
12.0
20.0
mA
VIx = Logic 1
IDD2 (Q)
2.0
2.92
mA
VIx = Logic 1
ADuM5411
IDD1 (Q)
1.6
2.46
mA
VIx = Logic 0
IDD2 (Q)
1.9
2.62
mA
VIx = Logic 0
IDD1 (Q)
10.0
17.0
mA
VIx = Logic 1
IDD2 (Q)
6.0
10.0
mA
VIx = Logic 1
ADuM5412
IDD1 (Q)
1.6
2.46
mA
VIx = Logic 0
IDD2 (Q)
1.6
2.46
mA
VIx = Logic 0
IDD1 (Q)
7.2
11.5
mA
VIx = Logic 1
IDD2 (Q)
8.4
11.5
mA
VIx = Logic 1
Dynamic Supply Current
Input
IDDI (D)
0.01
mA/Mbps
Inputs switching, 50% duty
cycle
Output
IDDO (D)
0.01
mA/Mbps
Inputs switching, 50% duty
cycle
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient
Immunity4
|CMH|
75
100
kV/µs
VIx = VDD1 or VISO, common-
mode voltage (VCM) = 1000 V,
transient magnitude = 800 V
|CML|
75
100
kV/µs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
1
IOx is the Channel x output current, where x means A, B, C, or D.
2
VIxH is the input side logic high.
3
VIxL is the input side logic low.
4
|CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining the voltage output (VO) > 0.8 VDDx. |CML| is the maximum common-
mode voltage slew rate that can be sustained while maintaining VO > 0.8 V. The common-mode voltage slew rates apply to both the rising and falling common-mode
voltage edges.


Número de pieza similar - ADuM5410BRSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5400 AD-ADUM5400 Datasheet
370Kb / 15P
   Isolated DC/DC Converter
Rev. PrA
ADUM5400 AD-ADUM5400 Datasheet
384Kb / 21P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. PrA
ADUM5400 AD-ADUM5400 Datasheet
386Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. 0
ADUM5400 AD-ADUM5400 Datasheet
301Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. A
ADuM5400 AD-ADuM5400 Datasheet
391Kb / 6P
   Industrial Current
More results

Descripción similar - ADuM5410BRSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com