Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUX1020 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADUX1020
Descripción Electrónicos  Photometric Sensor for Gesture and Proximity
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUX1020 Datasheet(HTML) 1 Page - Analog Devices

  ADUX1020 Datasheet HTML 1Page - Analog Devices ADUX1020 Datasheet HTML 2Page - Analog Devices ADUX1020 Datasheet HTML 3Page - Analog Devices ADUX1020 Datasheet HTML 4Page - Analog Devices ADUX1020 Datasheet HTML 5Page - Analog Devices ADUX1020 Datasheet HTML 6Page - Analog Devices ADUX1020 Datasheet HTML 7Page - Analog Devices ADUX1020 Datasheet HTML 8Page - Analog Devices ADUX1020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Photometric Sensor
for Gesture and Proximity
Data Sheet
ADUX1020
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Multifunction photometric sensor and signal conditioning
Fully integrated AFE, ADC, LED driver, and timing core
Usable for multiple optical measurement applications,
including gesture control and proximity sensing
Enables an ambient light rejection capability using both
optical and analog filtering
On-chip programmable flexible current sink for external LED
High sensitivity and signal-to-noise ratio (SNR)
High resolution position measurement
Gesture recognition with 0.5 cm to 15 cm range
Proximity sensing to 20 cm
400 kHz I2C interface
Gesture/proximity works under infrared (IR) transparent
glass or other materials
Simple integration with optics; no need for precise
alignment and no lens is required
Low power operation
1.8 V analog/digital core
8-lead, 2 mm × 3 mm, 0.65 mm height LFCSP
APPLICATIONS
Gesture for user interface (UI) control in portable devices
Industrial/automation monitoring
Presence detection
Angle sensing
GENERAL DESCRIPTION
The ADUX1020 is a highly efficient photometric sensor with an
integrated 14-bit analog-to-digital converter (ADC) and a 20-bit
burst accumulator that works in concert with a flexible light
emitting diode (LED) driver. It is designed to modulate a LED
and measure the corresponding optical return signal. The digital
engine includes circuitry and control for data aggregation and
proximity detection.
The data output and device configuration use a 1.8 V I2C interface.
The control circuitry includes flexible LED pulse width and
period generation combined with synchronous detection. This
circuitry is complemented by a low noise, low power, and wide
dynamic range configurable analog front end (AFE), clock
generation, LED driver, and digital logic for position and smart
sample mode (event driven x, y coordinates, relative z data).
This complete AFE features ambient light rejection, avoiding
corruption due to external interference.
One inexpensive standard surface mount, broad angle or narrow
angle IR LED (depending upon application) is required. This
LED mounts externally to the ADUX1020.
Packaged in a small, clear mold, 2 mm × 3 mm, 8-lead LFCSP,
the ADUX1020 is specified over an operating temperature
range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
ADUX1020
ADC
SDA
LEDX
VREF
AFE: SIGNAL CONDITIONING
GESTURE ENGINE
DIGITAL INTERFACE
CONTROL LOGIC
SCL
INT
LED DRIVER
POSITION
SENSOR
Figure 1.


Número de pieza similar - ADUX1020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burland Technology Solu...
ADU BURLAND-ADU Datasheet
1Mb / 4P
   Chameleon ADU
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADuC7019BCPZ62I AD-ADuC7019BCPZ62I Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADuC7019BCPZ62I-RL AD-ADuC7019BCPZ62I-RL Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADuC7019BCPZ62IRL7 AD-ADuC7019BCPZ62IRL7 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results

Descripción similar - ADUX1020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9500 AVAGO-APDS-9500 Datasheet
298Kb / 36P
   Imaging-Based Proximity and Gesture Sensor
APDS-9960 AVAGO-APDS-9960 Datasheet
1Mb / 38P
   Digital Proximity, Ambient Light, RGB and Gesture Sensor
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
   HALIOS Controller for Proximity and Gesture Recognition
logo
Sharp Corporation
GP2AP054A00F SHARP-GP2AP054A00F Datasheet
820Kb / 25P
   GP2AP054A00F is ambient light sensor and gesture sens or/proximity sensor with function ambient light sensing and gesture sensing proximity sensing by setting register.
logo
STMicroelectronics
VL6180X-SATEL STMICROELECTRONICS-VL6180X-SATEL Datasheet
168Kb / 5P
   Satellite boards based on VL6180X proximity, gesture and ambient light sensor
June 2015 Rev 2
logo
ams AG
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
logo
Vishay Siliconix
VCNL4035X01 VISHAY-VCNL4035X01_V01 Datasheet
268Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor With I2C Interface and Interrupt Function for Gesture Applications
01-Jan-2022
VCNL4035X01 VISHAY-VCNL4035X01 Datasheet
258Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor with I2C Interface and Interrupt Function for Gesture Applications
Rev. 1.5, 10-Mar-17
VCNL4035X01 VISHAY-VCNL4035X01_V02 Datasheet
269Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor With 2C Interface and Interrupt Function for Gesture Applications
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com