Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM6410BRSZ Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADuM6410BRSZ
Descripción Electrónicos  Quad-Channel Isolators with Integrated DC-to-DC Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM6410BRSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM6410BRSZ Datasheet HTML 3Page - Analog Devices ADuM6410BRSZ Datasheet HTML 4Page - Analog Devices ADuM6410BRSZ Datasheet HTML 5Page - Analog Devices ADuM6410BRSZ Datasheet HTML 6Page - Analog Devices ADuM6410BRSZ Datasheet HTML 7Page - Analog Devices ADuM6410BRSZ Datasheet HTML 8Page - Analog Devices ADuM6410BRSZ Datasheet HTML 9Page - Analog Devices ADuM6410BRSZ Datasheet HTML 10Page - Analog Devices ADuM6410BRSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Data Sheet
ADuM6410/ADuM6411/ADuM6412
Rev. 0 | Page 7 of 29
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
All typical specifications are at TA = 25°C, VDD1 = VDDP = 5.0 V, VISO = 3.3 V, VSEL resistor network: R1 = 10 kΩ ± 1%, R2 = 16.9 kΩ ± 1%
between VISO and GNDISO (see Figure 31). Minimum/maximum specifications apply over the entire recommended operation range, which
is 4.5 V ≤ VDD1 = VDDP ≤ 5.5 V, 3.0 V ≤ VISO ≤ 3.6 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching specifications are tested
with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 11. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Setpoint
VISO
3.0
3.3
3.6
V
IISO = 15 mA, R1 = 10 kΩ, R2 = 16.9 kΩ
Line Regulation
VISO (LINE)
20
mV/V
IISO = 15 mA, VDD1 = 3.0 V to 3.6 V
Load Regulation
VISO (LOAD)
1
5
%
IISO = 3 mA to 27 mA
Output Ripple
VISO (RIP)
50
mV p-p
20 MHz bandwidth, CBO = 0.1 µF||10 µF, IISO = 27 mA
Output Noise
VISO (NOISE)
130
mV p-p
CBO = 0.1 µF||10 µF, IISO = 27 mA
Switching Frequency
fOSC
125
MHz
Pulse-Width Modulation Frequency
fPWM
600
kHz
Output Supply
IISO (MAX)
30
mA
3.6 V > VISO > 3 V
Efficiency at IISO (MAX)
24
%
IISO = 27 mA
VDDP Supply Current
No VISO Load
IDDP (Q)
14
20
mA
Full VISO Load
IDDP (MAX)
85
115
mA
Thermal Shutdown
Shutdown Temperature
154
°C
Thermal Hysteresis
10
°C
Table 12. Data Channel Supply Current Specifications
Parameter
Symbol
1 Mbps
25 Mbps
100 Mbps
Unit
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
CL = 0 pF
ADuM6410
IDD1
6.8
10
7.8
12
11.8
17.4
mA
IDD2
2.0
3.7
3.5
5.5
8.2
11.6
mA
ADuM6411
IDD1
5.8
10.3
7.0
10.9
11.4
15.9
mA
IDD2
3.9
6.65
5.2
8.0
9.4
12.8
mA
ADuM6412
IDD1
4.3
7.7
6.0
9.3
10.3
14.2
mA
IDD2
5.0
8.4
6.2
9.6
9.8
13.7
mA
Table 13. Switching Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Data Rate
150
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
6.8
14
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.7
3.0
ns
|tPLH − tPHL|
Pulse Width
PW
6.7
ns
Within PWD limit
Propagation Delay Skew
tPSK
7.5
ns
Between any two units at the same temperature, voltage, and load
Channel Matching
Codirectional
tPSKCD
0.7
3.0
ns
Opposing Direction
tPSKOD
0.7
3.0
ns
Jitter
640
ps p-p
75
ns rms


Número de pieza similar - ADuM6410BRSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6400 AD-ADUM6400 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6400ARIZ AD-ADUM6400ARIZ Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADuM6400ARWZ AD-ADuM6400ARWZ Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6400ARWZ AD-ADUM6400ARWZ Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
More results

Descripción similar - ADuM6410BRSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com