Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS80C31X2-LLER Datasheet(PDF) 3 Page - ATMEL Corporation

No. de pieza TS80C31X2-LLER
Descripción Electrónicos  8-bit CMOS Microcontroller ROMless
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-LLER Datasheet(HTML) 3 Page - ATMEL Corporation

  TS80C31X2-LLER Datasheet HTML 1Page - ATMEL Corporation TS80C31X2-LLER Datasheet HTML 2Page - ATMEL Corporation TS80C31X2-LLER Datasheet HTML 3Page - ATMEL Corporation TS80C31X2-LLER Datasheet HTML 4Page - ATMEL Corporation TS80C31X2-LLER Datasheet HTML 5Page - ATMEL Corporation TS80C31X2-LLER Datasheet HTML 6Page - ATMEL Corporation TS80C31X2-LLER Datasheet HTML 7Page - ATMEL Corporation TS80C31X2-LLER Datasheet HTML 8Page - ATMEL Corporation TS80C31X2-LLER Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Rev. C - 15 January, 2001
3
TS80C31X2
4. SFR Mapping
The Special Function Registers (SFRs) of the TS80C31X2 fall into the following categories:
• C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR1
• I/O port registers: P0, P1, P2, P3
• Timer registers: TCON, TH0, TH1, TMOD, TL0, TL1
• Serial I/O port registers: SADDR, SADEN, SBUF, SCON
• Power and clock control registers: PCON
• Interrupt system registers: IE, IP, IPH
• Others: CKCON
Table 1. All SFRs with their address and their reset value
Bit
address-
able
Non Bit addressable
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
FFh
F0h
B
0000 0000
F7h
E8h
EFh
E0h
ACC
0000 0000
E7h
D8h
DFh
D0h
PSW
0000 0000
D7h
C8h
CFh
C0h
C7h
B8h
IP
XXX0 0000
SADEN
0000 0000
BFh
B0h
P3
1111 1111
IPH
XXX0 0000
B7h
A8h
IE
0XX0 0000
SADDR
0000 0000
AFh
A0h
P2
1111 1111
AUXR1
XXXX XXX0
A7h
98h
SCON
0000 0000
SBUF
XXXX XXXX
9Fh
90h
P1
1111 1111
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
CKCON
XXXX XXX0
8Fh
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
PCON
00X1 0000
87h
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
reserved


Número de pieza similar - TS80C31X2-LLER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS80C31X2-LCA ATMEL-TS80C31X2-LCA Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
TEMIC Semiconductors
TS80C31X2-LCAB TEMIC-TS80C31X2-LCAB Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2-LCAD TEMIC-TS80C31X2-LCAD Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2-LCAR TEMIC-TS80C31X2-LCAR Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS80C31X2-LCB ATMEL-TS80C31X2-LCB Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
More results

Descripción similar - TS80C31X2-LLER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
AIMTEC
80C32E AIMTEC-80C32E_03 Datasheet
206Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
ATMEL Corporation
80C32E ATMEL-80C32E_07 Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com