Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1654 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TEA1654
Descripción Electrónicos  GreenChipII SMPS control IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1654 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1654 Datasheet HTML 7Page - NXP Semiconductors TEA1654 Datasheet HTML 8Page - NXP Semiconductors TEA1654 Datasheet HTML 9Page - NXP Semiconductors TEA1654 Datasheet HTML 10Page - NXP Semiconductors TEA1654 Datasheet HTML 11Page - NXP Semiconductors TEA1654 Datasheet HTML 12Page - NXP Semiconductors TEA1654 Datasheet HTML 13Page - NXP Semiconductors TEA1654 Datasheet HTML 14Page - NXP Semiconductors TEA1654 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2003 May 12
11
Philips Semiconductors
Product specification
GreenChip
™II SMPS control IC
TEA1654
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); note 1.
Notes
1. All voltages are measured with respect to ground; positive currents flow into the chip; pin VCC must not be current
driven. The voltage ratings are valid provided other ratings are not violated; current ratings are valid provided the
maximum power rating is not violated.
2. Human Body Model (HBM): equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
3. Machine Model (MM): equivalent to discharging a 200 pF capacitor through a 0.75
µH coil and a 10 Ω resistor.
THERMAL CHARACTERISTICS
Note
1. With pin GND connected to sufficient copper area on the printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Voltages
VVCOadj
voltage on pin VCOadj
continuous
−0.4
+5
V
Vsense
voltage on pin Isense
current limited
−0.4
V
VDRAIN
voltage on pin DRAIN
−0.4
+650
V
VCC
supply voltage
continuous
−0.4
+20
V
VLOCK
voltage on pin LOCK
continuous
−0.4
+7
V
VCTRL
voltage on pin CTRL
−0.4
+5
V
VDEM
voltage on pin DEM
current limited
−0.4
V
Currents
Isense
current on pin Isense
−1
+10
mA
ISTDBY
current on pin STDBY
−1
mA
IDRIVER
current on pin DRIVER
d < 10%
−0.8
+2
A
IDRAIN
current on pin DRAIN
+5
mA
ICC(5V)
current on pin VCC(5V)
−10
mA
ICTRL
current on pin CTRL
+5
mA
IDEM
current on pin DEM
−250
+250
µA
General
Ptot
total power dissipation
Tamb <70 °C
0.75
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−20
+145
°C
ESD
Vesd
electrostatic discharge voltage
pins 1 to 6 and pins 9 to 14
HBM class 1; note 2
2000
V
pin 7
HBM class 1; note 2
1500
V
any other pin
MM; note 3
400
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air; note 1
100
K/W


Número de pieza similar - TEA1654

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1610 PHILIPS-TEA1610 Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610P PHILIPS-TEA1610P Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
TEA1610T PHILIPS-TEA1610T Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610T NXP-TEA1610T Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
More results

Descripción similar - TEA1654

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1507 PHILIPS-TEA1507 Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
TEA1552 PHILIPS-TEA1552 Datasheet
119Kb / 24P
   GreenChipII SMPS control IC
2002 Aug 27
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1533AP PHILIPS-TEA1533AP Datasheet
117Kb / 24P
   GreenChip SMPS control IC
2002 Aug 23
TEA1833LTS PHILIPS-TEA1833LTS Datasheet
255Kb / 24P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1832TS PHILIPS-TEA1832TS Datasheet
242Kb / 23P
   GreenChip SMPS control IC
Rev. 1-16 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com