Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5354 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

No. de pieza AD5354
Descripción Electrónicos  Low Power 20bit ADC with PGA
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AD5354 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AD5354 Datasheet HTML 1Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 2Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 3Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 4Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 5Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 6Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 7Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 8Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ASAHI KASEI
[AK5354]
MS0054-E-02
2004/12
- 4 -
ANALOG CHARACTERISTICS
(Ta=25
°C; VA, VD=2.5V; fs=44.1kHz; Signal Frequency=1kHz; Measurement frequency=10Hz ∼ 20kHz;
unless otherwise specified)
Parameter
min
typ
max
Units
Resolution
20
bits
Input PGA Characteristics (IPGA):
Input Voltage (LIN1, LIN2, RIN1, RIN2) (Note 2)
1.35
1.5
1.65
Vpp
Input Impedance
6.3
9
15
k
Step Width
+28dB
∼ -8dB
-8dB
∼ -16dB
-16dB
∼ -32dB
-32dB
∼ -40dB
-40dB
∼ -52dB
0.1
0.1
0.1
-
-
0.5
1
2
2
4
1
2
4
-
-
dB
dB
dB
dB
dB
ADC Analog Input Characteristics: (Note 3)
S/(N+D)
(-0.5dBFS Input)
74
84
dB
D-Range
(EIAJ)
82
89
dB
S/N
(EIAJ)
82
89
dB
Interchannel Isolation
90
100
dB
Interchannel Gain Mismatch
0.2
0.5
dB
Power Supplies
Power Supply Current: VA+VD
Normal Operation (PDN=“H”)
IPGA+AD (PM0=1, PM1=1)
Power Down (PDN=“L”)
(Note 4)
7
10
10
100
mA
µA
Note: 2. Analog input voltage (full-scale voltage: IPGA = 0dB) scale with VREF. (IPGA = ADC = 0.6 x VREF)
Note: 3. ADC is input from LIN1/RIN1 or LIN2/RIN2 and it measures included in IPGA. The value of IPGA is set 0dB.
Internal HPF cancels the offset of IPGA and ADC.
Note: 4. In case of power-down mode, all digital input pins including clocks pins (MCLK, BCLK and LRCK) are held
VD or VSS. PDN pin is held VSS.


Número de pieza similar - AD5354

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD535 AD-AD535 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500JRP AD-AD53500JRP Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53508 AD-AD53508 Datasheet
125Kb / 8P
   PPMU Circuit
REV. 0
More results

Descripción similar - AD5354

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5356 AKM-AK5356 Datasheet
156Kb / 22P
   LOW POWER 20BIT ADC WITH MIC AMP & PGA
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
   LOW POWER 20 BIT ADC WITH PGA
logo
Wolfson Microelectronic...
WM8200 WOLFSON-WM8200 Datasheet
161Kb / 15P
   40MSPS ADC with PGA
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com