Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMF22A Datasheet(PDF) 3 Page - Dc Components

No. de pieza SMF22A
Descripción Electrónicos  RECTIFIER SPECIALISTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DCCOM [Dc Components]
Página de inicio  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMF22A Datasheet(HTML) 3 Page - Dc Components

  SMF22A Datasheet HTML 1Page - Dc Components SMF22A Datasheet HTML 2Page - Dc Components SMF22A Datasheet HTML 3Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMF5.0A
5.0
6.40
7.00
10
400
800
9.2
21.74
SMF6.0A
6.0
6.67
7.37
10
400
800
10.2
19.42
SMF6.5A
6.5
7.22
7.98
10
250
500
11.2
17.86
SMF7.0A
7.0
7.78
8.60
10
100
200
12.0
16.67
SMF7.5A
7.5
8.33
9.21
1
50
100
12.9
15.50
SMF8.0A
8.0
8.89
9.83
1
25
50
13.6
14.71
SMF8.5A
8.5
9.44
10.4
1
10
20
14.4
13.89
SMF9.0A
9.0
10.0
11.1
1
5
10
15.4
12.99
SMF10A
10
11.1
12.3
1
2.5
17.0
11.76
SMF11A
11
12.2
13.5
1
2.5
18.2
10.99
SMF12A
12
13.3
14.7
1
1
19.9
10.05
SMF13A
13
14.4
15.9
1
1
21.5
9.30
SMF14A
14
15.6
17.2
1
1
23.2
8.62
SMF15A
15
16.7
18.5
1
1
24.4
8.20
SMF16A
16
17.8
19.7
1
1
26.0
7.69
SMF17A
17
18.9
20.9
1
1
27.6
7.25
SMF18A
18
20.0
22.1
1
1
29.2
6.85
SMF19A
19
21.1
23.3
1
1
30.6
6.54
SMF20A
20
22.2
24.5
1
1
32.4
6.17
SMF22A
22
24.4
26.9
1
1
35.5
5.63
SMF24A
24
26.7
29.5
1
1
38.9
5.14
SMF26A
26
28.9
31.9
1
1
42.1
4.75
SMF28A
28
31.1
34.4
1
1
45.4
4.41
SMF30A
30
33.3
36.8
1
1
48.4
4.13
SMF33A
33
36.7
40.6
1
1
53.3
3.75
SMF36A
36
40.0
44.2
1
1
58.1
3.44
SMF40A
40
44.4
49.1
1
1
64.5
3.10
SMF43A
43
47.8
52.8
1
1
69.4
2.88
SMF45A
45
50.0
55.3
1
1
72.7
2.75
SMF48A
48
53.3
58.9
1
1
77.4
2.58
SMF51A
51
56.7
62.7
1
1
82.4
2.43
SMF54A
54
60.0
66.3
1
1
87.1
2.30
SMF58A
58
64.4
71.2
1
1
93.6
2.14
SMF60A
60
66.7
73.7
1
1
96.8
2.07
SMF64A
64
71.1
78.6
1
1
103
1.94
SMF70A
70
77.8
86.0
1
1
113
1.77
SMF75A
75
83.3
92.1
1
1
121
1.65
SMF78A
78
86.7
95.8
1
1
126
1.59
SMF80A
80
88.8
97.6
1
1
129
1.55
SMF85A
85
94.4
104
1
1
137
1.46
SMF90A
90
100
111
1
1
146
1.37
SMF100A
100
111
123
1
1
162
1.23
SMF110A
110
122
135
1
1
177
1.13
SMF120A
120
133
147
1
1
193
1.04
SMF130A
130
144
159
1
1
209
0.96
SMF140A
140
155
171
1
1
224
0.89
SMF150A
150
167
185
1
1
243
0.82
SMF160A
160
178
197
1
1
259
0.77
SMF170A
170
189
209
1
1
275
0.73
SMF180A
180
200
220
1
1
292
0.68
SMF190A
190
211
232
1
1
308
0.65
SMF200A
200
224
247
1
1
324
0.62
SMF220A
220
246
272
1
1
356
0.56
R
DC COMPONENTS CO., LTD.
SMF (200W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
Reverse
Stand-off
Voltage
Breakdown
Voltage
@ IT
Test
Current
IT
VRWM
Maximum
Reverse
Leakage
@ VRWM
Maximum
Clamping
Voltage
@ IPP
Maximum
Peak
Pulse
Current
VBR
V
Min.
Max.
V
V
mA
µA
µA
UNI-
BI-
IR
VC
IPP
V
A
TYPE
www.dccomponents.com
3
REV-1,DEC,2015


Número de pieza similar - SMF22A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DONGGUAN YOU FENG WEI E...
SMF22A YFWDIODE-SMF22A Datasheet
88Kb / 4P
   Surface mounttransient voltage suppressor power 400 watts
logo
Vishay Siliconix
SMF22A VISHAY-SMF22A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
RFE international
SMF22A RFE-SMF22A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
11-07-2022
logo
Vishay Siliconix
SMF22A VISHAY-SMF22A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Anova Technologies CO.,...
SMF22A ANOVA-SMF22A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Descripción similar - SMF22A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com