Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD1HD500EFJ-C Datasheet(PDF) 4 Page - Rohm

No. de pieza BD1HD500EFJ-C
Descripción Electrónicos  1ch High-side switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD1HD500EFJ-C Datasheet(HTML) 4 Page - Rohm

  BD1HD500EFJ-C Datasheet HTML 1Page - Rohm BD1HD500EFJ-C Datasheet HTML 2Page - Rohm BD1HD500EFJ-C Datasheet HTML 3Page - Rohm BD1HD500EFJ-C Datasheet HTML 4Page - Rohm BD1HD500EFJ-C Datasheet HTML 5Page - Rohm BD1HD500EFJ-C Datasheet HTML 6Page - Rohm BD1HD500EFJ-C Datasheet HTML 7Page - Rohm BD1HD500EFJ-C Datasheet HTML 8Page - Rohm BD1HD500EFJ-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Datasheet
Datasheet
4/18
BD1Hx500 Series
TSZ02201-0G3G0BD00070-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.04.15 Rev.002
www.rohm.com
TSZ22111・15・001
Electrical Characteristics
(unless otherwise specified, VDD=4V to 18V, -40°C ≤ Tj ≤ +150°C)
Parameter
Symbol
Target value
Unit
Conditions
Min
Typ
Max
[Power Supply Block]
Standby current
IDDS1
-
0.1
10
μA
VDD=12V,VIN=0V,
VOUT=0V,Tj=25°C
IDDS2
-
-
220
μA
VDD=12V,VIN=0V,
VOUT=0V,Tj=150°C
Operating current
IDD
-
1.5
3.0
mA
VDD=12V,VIN=5V,VOUT=open
Under Voltage Lock Out (UVLO)
Threshold
VUVLO
-
3.0
3.6
V
[Input Block]
H level input voltage
VIN(H)
3.0
-
-
V
L level input voltage
VIN(L)
-
-
1.0
V
Input hysteresis
VIN(HYS)
-
0.3
-
V
H level input current
IIN(H)
-
50
100
μA
VIN=5V
L level input current
IIN(L)
-10
-
10
μA
VIN=0V
[Power MOS Output]
Output ON resistance
RDS(ON)
-
500
650
mΩ
VDD=12V,IOUT=0.25A,Tj=25°C
RDS(ON)
-
900
1200
mΩ
VDD=12V,IOUT=0.25A,Tj=150°C
Output leak current
IL(OFF)
-
-
5
μA
VIN=0V, Tj=25°C
IL(OFF)
-
-
200
μA
VIN=0V, Tj=150°C
Switching time
tON
-
13
25
μs
VDD=12V ,RL=47Ω,Tj=25°C
Figure16
tOFF
-
9
25
μs
VDD=12V ,RL=47Ω,Tj=25°C
Figure16
Slew rate on
dV/dtON
-
3
6
V/μs
VDD=12V ,RL=47Ω,Tj=25°C
Figure16
Slew rate off
-dV/dtOFF
-
3
6
V/μs
VDD=12V ,RL=47Ω,Tj=25°C
Figure16
Output clamp voltage
VCL
-8
-6.0
-4.5
V
VIN =0V,IOUT=100mA
Figure17
[Diagnostic Output]
Diagnostic
output voltage
“L” level
VSTL
-
-
0.4
V
VIN=5V,IST=0.1mA
Diagnostic
output current
“H” level
ISTH
-
-
10
μA
VIN=0V,VST=12V


Número de pieza similar - BD1HD500EFJ-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD1HD500EFJ-C ROHM-BD1HD500EFJ-C Datasheet
826Kb / 21P
   1ch High-side switch
BD1HD500EFJ-C ROHM-BD1HD500EFJ-C Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
BD1HD500EFJ-CE2 ROHM-BD1HD500EFJ-CE2 Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
More results

Descripción similar - BD1HD500EFJ-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD1HX500 ROHM-BD1HX500 Datasheet
826Kb / 21P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
BD1HX500 ROHM-BD1HX500_V01 Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
BV1HD090FJ-C ROHM-BV1HD090FJ-C Datasheet
1Mb / 23P
   1ch High-side Switch IC
27.Dec2016 Rev.001
BUS1DJC0GWZ ROHM-BUS1DJC0GWZ Datasheet
669Kb / 23P
   1ch Ultra Small High Side Load Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com