Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BD1LB500EFJ-C Datasheet(Hoja de datos) 5 Page - Rohm

No. de Pieza. BD1LB500EFJ-C
Descripción  In-Vehicle 1ch Low Side Switch
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

 
 5 page
background image
Datasheet
Datasheet
5/16
BD1LB500 Series
TSZ02201-0G3G0BD00040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.11.10 Rev.007
www.rohm.co.jp
TSZ22111・15・001
Electrical Characteristics (VDD=3.5V to 5.5V, -40°C≤ Tj≤+150°C unless otherwise is specified)
Item
Symbol
Rated value
Unit
Condition
Min
Typ
Max
[Protective circuit]
Overcurrent detection current
IOCP
0.8
1.5
2.5
A
VIN=5V
Diagnostic output delay time
tDHL
40
80
μs
VDD=5V,RL=4Ω to ∞
tDLH
320
640
μs
VDD=5V,RL=∞ to 4Ω
Open load detection threshold
voltage (1)
VOPEN
1
2
3
V
IN=0V
Open load detection time
tOPEN
100
300
900
μs
IN=0V
(1) To enable detection, an external resistance must be added between DRAIN terminal and SOURCE terminal.
Determine Rext depending on RL.)
Definition
Figure 1. Definition




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl