Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2808MUV-ME2 Datasheet(PDF) 6 Page - Rohm

No. de pieza BD2808MUV-ME2
Descripción Electrónicos  24ch Constant Current LED Driver IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2808MUV-ME2 Datasheet(HTML) 6 Page - Rohm

Back Button BD2808MUV-ME2 Datasheet HTML 2Page - Rohm BD2808MUV-ME2 Datasheet HTML 3Page - Rohm BD2808MUV-ME2 Datasheet HTML 4Page - Rohm BD2808MUV-ME2 Datasheet HTML 5Page - Rohm BD2808MUV-ME2 Datasheet HTML 6Page - Rohm BD2808MUV-ME2 Datasheet HTML 7Page - Rohm BD2808MUV-ME2 Datasheet HTML 8Page - Rohm BD2808MUV-ME2 Datasheet HTML 9Page - Rohm BD2808MUV-ME2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6/30
Datasheet
Datasheet
BD2808MUV-M
TSZ02201-0T3T0C500040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
4.Jun.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Power Supply Voltage
VCC
-0.3 to +7 (Note 1)
V
Output Voltage 1 (Pin No: Pin No: 5-7, 9-14, 16-21, 23-28, 30-32)
VLEDmax
-0.3 to +20 (Note 1)
V
Output Voltage 2 (Pin No: 34)
VXERR
-0.3 to VCC
V
Input Voltage (Pin No: 1-3, 35-38, 41, 43-44, 48)
VIN
-0.3 to VCC
V
Power Dissipation1
Pd1
4.09 (Note 2)
W
Power Dissipation2
Pd2
5.20 (Note 3)
W
Operating Temperature Range
Topr
-40 to +105
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Junction Temperature
Tjmax
150
°C
Drive Current (DC)
IomaxD
50
mA
(Note 1) Pd should not be exceeded.
(Note 2) Pd1 is decreased by 32.7mW/°C for temperatures above Ta=25°C, mounted on 114.3mm x76.2mm x1.6mm Glass-epoxy PCB.
(Note 3) Pd2 is decreased by 41.6mW/°C for temperatures above Ta=25°C, mounted on 114.3mm x76.2mm x1.6mm Glass-epoxy PCB.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions (Ta=-40°C to 105°C)
Item
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
3.0
3.3
5.5
V
LED Maximum Output Current
IMAX
-
-
50
mA
Application Conditions (External Constant Range)
Parameters
Symbols
Min
Max
Unit
VCC Capacitor
CVCC
1.0
-
µF
VLED Capacitor
CVLED
10
-
µF
ISET Resistor
RISET
50
200
XERR Resistor
RXERR
10
100
kΩ


Número de pieza similar - BD2808MUV-ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
BD280-1130-10/16 MACOM-BD280-1130-10/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1016 MACOM-BD280-1130-1016 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-15/16 MACOM-BD280-1130-15/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1516 MACOM-BD280-1130-1516 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-20/16 MACOM-BD280-1130-20/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

Descripción similar - BD2808MUV-ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
Sanyo Semicon Device
LV5233H SANYO-LV5233H Datasheet
199Kb / 8P
   24ch LED Driver
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
ON Semiconductor
LV8498CT ONSEMI-LV8498CT Datasheet
85Kb / 8P
   Constant-current Driver IC
June, 2013
logo
SHENZHEN FUMAN ELECTRON...
TC5021 FUMAN-TC5021 Datasheet
711Kb / 14P
   16-bit constant current LED driver IC
logo
Shenzhen Huazhimei Semi...
HM7501 HMSEMI-HM7501 Datasheet
727Kb / 10P
   Single channel LED constant current driver IC
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
logo
SHENZHEN FUMAN ELECTRON...
TC5020C FUMAN-TC5020C Datasheet
864Kb / 14P
   16-bit constant current LED driver IC
TC5123 FUMAN-TC5123 Datasheet
832Kb / 14P
   16-bit constant current LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com