Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN3730U Datasheet(PDF) 2 Page - ZP Semiconductor

No. de pieza DMN3730U
Descripción Electrónicos  30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZPSEMI [ZP Semiconductor]
Página de inicio  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

DMN3730U Datasheet(HTML) 2 Page - ZP Semiconductor

  DMN3730U Datasheet HTML 1Page - ZP Semiconductor DMN3730U Datasheet HTML 2Page - ZP Semiconductor DMN3730U Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current
Steady
State
TA = 25°C (Note 5)
TA = 85°C (Note 5)
TA = 25°C (Note 4)
ID
0.94
0.68
0.75
A
Pulsed Drain Current (Note 6)
IDM
10
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 4)
PD
0.45
W
(Note 5)
0.71
W
Thermal Resistance, Junction to Ambient
(Note 4)
RθJA
275
°C/W
(Note 5)
177
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
2. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout
3. Device mounted on 25mm X 25mm square copper plate with FR-4 substrate PC board, 2oz copper
4. Device mounted on minimum recommended pad layout test board, 10
μs pulse duty cycle = 1%.
DMN3730U
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
2 of 3
sales@zpsemi.com
www.zpsemi.com


Número de pieza similar - DMN3730U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN3730U DIODES-DMN3730U Datasheet
196Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMN3730U-7 DIODES-DMN3730U-7 Datasheet
196Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMN3730UFB DIODES-DMN3730UFB Datasheet
147Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35018 Rev. 2 - 2
DMN3730UFB-7 DIODES-DMN3730UFB-7 Datasheet
147Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35018 Rev. 2 - 2
DMN3730UFB4 DIODES-DMN3730UFB4 Datasheet
144Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35017 Rev. 3 - 2
More results

Descripción similar - DMN3730U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMN3730U DIODES-DMN3730U_15 Datasheet
196Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
ZXMN3F30FH DIODES-ZXMN3F30FH Datasheet
417Kb / 8P
   30V SOT23 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3F30FH ZETEX-ZXMN3F30FH Datasheet
404Kb / 8P
   30V SOT23 N-channel enhancement mode MOSFET
logo
ZP Semiconductor
ZXMN3F30FH ZPSEMI-ZXMN3F30FH Datasheet
202Kb / 3P
   30V SOT23 N-channel enhancement mode MOSFET
ZXMP3F30FH ZPSEMI-ZXMP3F30FH Datasheet
301Kb / 3P
   30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP3F30FH ZETEX-ZXMP3F30FH Datasheet
229Kb / 8P
   30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3F30FH DIODES-ZXMP3F30FH Datasheet
208Kb / 8P
   30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
DMN2300U DIODES-DMN2300U_15 Datasheet
157Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
logo
ZP Semiconductor
DMN2300U ZPSEMI-DMN2300U Datasheet
229Kb / 3P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
logo
Diodes Incorporated
ZXMN10A07F DIODES-ZXMN10A07F_15 Datasheet
271Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23 PACKAGE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com