Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM384X120Y300AZZ Datasheet(PDF) 5 Page - Vicor Corporation

No. de pieza BCM384X120Y300AZZ
Descripción Electrónicos  Isolated Fixed Ratio DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384X120Y300AZZ Datasheet(HTML) 5 Page - Vicor Corporation

  BCM384X120Y300AZZ Datasheet HTML 1Page - Vicor Corporation BCM384X120Y300AZZ Datasheet HTML 2Page - Vicor Corporation BCM384X120Y300AZZ Datasheet HTML 3Page - Vicor Corporation BCM384X120Y300AZZ Datasheet HTML 4Page - Vicor Corporation BCM384X120Y300AZZ Datasheet HTML 5Page - Vicor Corporation BCM384X120Y300AZZ Datasheet HTML 6Page - Vicor Corporation BCM384X120Y300AZZ Datasheet HTML 7Page - Vicor Corporation BCM384X120Y300AZZ Datasheet HTML 8Page - Vicor Corporation BCM384X120Y300AZZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
BCM® Bus Converter
Rev 1.5
vicorpower.com
Page 5 of 21
08/2016
800 927.9474
BCM384x120y300Azz
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
boldface specifications apply over the temperature range of
-40°C ≤ TCASE ≤ 100°C (T-Grade); all other specifications are at TCASE = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Protection
Input overvoltage lockout threshold
VIN_OVLO+
430.0
V
Input overvoltage recovery threshold
VIN_OVLO-
400.0
V
Input overvoltage lockout hysteresis
VIN_OVLO_HYST
9
V
Overvoltage lockout response time
TOVLO
47
µs
Fault recovery time
TAUTO_RESTART
380
440
500
ms
Input undervoltage lockout
threshold
VIN_UVLO-
220.0
240.0
259.0
V
Input undervoltage recovery
threshold
VIN_UVLO+
230.0
255.0
290.0
V
Input undervoltage lockout
hysteresis
VIN_UVLO_HYST
15
V
Undervoltage lockout response time
TUVLO
47
µs
Output overcurrent trip threshold
IOCP
28.2
36
50
A
Output overcurrent response time
constant
TOCP
Effective internal RC filter
5.2
ms
Short circuit protection trip threshold
ISCP
45
A
Short circuit protection response time
TSCP
1
µs
Thermal shutdown threshold
TJ_OTP
125
°C


Número de pieza similar - BCM384X120Y300AZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM384X120Y1K5ACZ VICOR-BCM384X120Y1K5ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
More results

Descripción similar - BCM384X120Y300AZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com