Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NB4L6254FAR2G Datasheet(PDF) 5 Page - ON Semiconductor

No. de Pieza. NB4L6254FAR2G
Descripción  2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L6254FAR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NB4L6254FAR2G Hoja de datos HTML 1Page - ON Semiconductor NB4L6254FAR2G Hoja de datos HTML 2Page - ON Semiconductor NB4L6254FAR2G Hoja de datos HTML 3Page - ON Semiconductor NB4L6254FAR2G Hoja de datos HTML 4Page - ON Semiconductor NB4L6254FAR2G Hoja de datos HTML 5Page - ON Semiconductor NB4L6254FAR2G Hoja de datos HTML 6Page - ON Semiconductor NB4L6254FAR2G Hoja de datos HTML 7Page - ON Semiconductor NB4L6254FAR2G Hoja de datos HTML 8Page - ON Semiconductor NB4L6254FAR2G Hoja de datos HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NB4L6254
http://onsemi.com
5
Table 6. DC CHARACTERISTICS VCC = 2.375 V to 3.465 V, GND = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
POWER SUPPLY CURRENT
IGND
Power Supply Current (Outputs Open)
60
85
mA
LVPECL CLOCK OUTPUTS
VOH
LVPECL Output HIGH Voltage (Notes 4, 5)
VCC = 3.3 V
VCC = 2.5 V
VCC − 1145
2155
1355
VCC − 1020
2280
1480
VCC – 895
2405
1605
mV
VOL
LVPECL Output LOW Voltage (Notes 4, 5)
VCC = 3.3 V
VCC = 2.5 V
VCC − 1945
1355
555
VCC − 1770
1530
730
VCC − 1600
1700
900
mV
CLOCK INPUTS
VPP
Dynamic Differential Input Voltage (Clock Inputs)
0.1
1.3
V
VCMR
Differential Cross−point Voltage (Clock Inputs)
1.0
VCC − 0.3
V
LVCMOS CONTROL INPUTS
VIH
Output HIGH Voltage (LVTTL/LVCMOS)
2.0
V
VIL
Output LOW Voltage (LVTTL/LVCMOS)
0.8
V
IIH
Input Current VIN = VCC or VIN = GND
−100
+100
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. LVPECL Outputs loaded with 50 W termination resistors to VTT = VCC – 2.0 V for proper operation.
5. LVPECL Output parameters vary 1:1 with VCC.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn