Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NB4L6254FAR2G Datasheet(PDF) 4 Page - ON Semiconductor

No. de Pieza. NB4L6254FAR2G
Descripción  2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NB4L6254FAR2G Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NB4L6254
http://onsemi.com
4
Table 4. ATTRIBUTES
Characteristics
Value
Internal Input Pullup Resistor
37.5 kW
Internal Input Pulldown Resistor
75 kW
ESD Protection
Human Body Model
Machine Model
> 2000 V
> 200 V
Latchup Immunity
>200 mA
Cin, inputs
4.0 pF (TYP)
Moisture Sensitivity (Note 1)
LQFP−32
QFN32
Level 2
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
336
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 5. MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Condition
Condition
Rating
Unit
VCC
Positive Power Supply
−0.3 v VCC v 3.6
V
VIN
DC Input Voltage
−0.3 v VIN v VCC
+ 0.3
V
VOUT
DC Output Voltage
−0.3 v VOUT v VCC
+ 0.3
V
IIN
DC Input Current
$20
mA
Iout
LVPECL DC Output Current
Continuous
Surge
$50
100
mA
mA
TA
Operating Temperature Range
LQFP−32
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
(Note 3)
0 lfpm
500 lfpm
LQFP−32
LQFP−32
80
55
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P (Note 3)
LQFP−32
12 to 17
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
QFN−32
QFN−32
31
27
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P
QFN−32
12
°C/W
Tsol
Wave Solder
Pb−Free
265
°C
VTT
Output Termination Voltage
VCC – 2.0, TYP
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Maximum Ratings are those values beyond which device damage may occur.
3. JEDEC standard multilayer board − 2S2P (2 signal, 2 power); MIL−SPEC 883E Method 1012.1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn